Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612BCRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6612BCRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612BCRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6612BCRZ Datasheet HTML 1Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 2Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 3Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 4Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 5Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 6Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 7Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 8Page - Intersil Corporation ISL6612BCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN9205.4
May 1, 2012
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6612BCBZ
6612 BCBZ
0 to +85
8 Ld SOIC
M8.15
ISL6612BCRZ
12BZ
0 to +85
10 Ld 3x3 DFN
L10.3x3
ISL6612BECBZ
6612 BECBZ
0 to +85
8 Ld EPSOIC
M8.15B
ISL6612BEIBZ
6612 BEIBZ
-40°C to +85°C
8 Ld EPSOIC
M8.15B
ISL6612BIBZ
6612 BIBZ
-40°C to +85°C
8 Ld SOIC
M8.15
ISL6612BIRZ
2BIZ
-40°C to +85°C
10 Ld 3x3 DFN
L10.3x3
ISL6613BCBZ
6613 BCBZ
0 to +85
8 Ld SOIC
M8.15
ISL6613BCRZ
13BZ
0 to +85
10 Ld 3x3 DFN
L10.3x3
ISL6613BECBZ
6613 BECBZ
0 to +85
8 Ld EPSOIC
M8.15B
ISL6613BEIBZ
6613 BEIBZ
-40°C to +85°C
8 Ld EPSOIC
M8.15B
ISL6613BIBZ
6613 BIBZ
-40°C to +85°C
8 Ld SOIC
M8.15
ISL6613BIRZ
3BIZ
-40°C to +85°C
10 Ld 3x3 DFN
L10.3x3
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6612B, ISL6613B. For more information on MSL, please see
Technical Brief TB363.
Pinouts
ISL6612BCB, ISL6613BCB, ISL6612BECB, ISL6613BECB
(8 LD SOIC, EPSOIC)
TOP VIEW
ISL6612BCR, ISL6613BCR
(10 LD 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
GND
1
UGATE
BOOT
N/C
PWM
PHASE
PVCC
N/C
VCC
2
3
4
5
GND
10
9
8
7
6
LGATE
GND
ISL6612B, ISL6613B


Similar Part No. - ISL6612BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612BCRZ INTERSIL-ISL6612BCRZ Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BCRZ INTERSIL-ISL6612BCRZ Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612BCRZ RENESAS-ISL6612BCRZ Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612BCRZ-T INTERSIL-ISL6612BCRZ-T Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BCRZ-T INTERSIL-ISL6612BCRZ-T Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6612BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com