Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612BIRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6612BIRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612BIRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6612BIRZ Datasheet HTML 1Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 2Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6612BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN9205.4
May 1, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VPVCC + 0.3V
PHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC
GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT-GND<36V)
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 4) . . . . . . . . . . . .
100
N/A
EPSOIC Package (Notes 5, 6). . . . . . .
50
7
DFN Package (Notes 5, 6) . . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -40°C to +85°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V to 13.2V
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . 5V to 12V
±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
5.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Boldface limits apply over the operating
temperature range.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
ISL6612B, fPWM = 300kHz, VVCC =12V
-
8
-
mA
ISL6613B, fPWM = 300kHz, VVCC =12V
-
4.5
-
mA
IVCC
ISL6612B, fPWM = 1MHz, VVCC = 12V
-
10.5
-
mA
ISL6613B, fPWM = 1MHz, VVCC = 12V
-
5
-
mA
Gate Drive Bias Current
IPVCC
ISL6612B, fPWM = 300kHz, VPVCC=12V
-
4
-
mA
ISL6613B, fPWM = 300kHz, VPVCC=12V
-
7.5
-
mA
IPVCC
ISL6612B, fPWM = 1MHz, VPVCC = 12V
-
5
-
mA
ISL6613B, fPWM = 1MHz, VPVCC = 12V
-
8.5
-
mA
POWER-ON RESET AND ENABLE
VCC Rising Threshold
0°C to +85°C
6.75
6.92
7.10
V
-40°C to +85°C
5.75
7.10
V
VCC Falling Threshold
0°C to +85°C
5.20
5.44
5.60
V
-40°C to +85°C
4.20
5.60
V
PWM INPUT (See Timing Diagram on page 7)
Input Current
IPWM
VPWM = 5V
-
500
-
µA
VPWM = 0V
-
-450
-
µA
PWM Rising Threshold
VCC = 12V
-
3.00
-
V
PWM Falling Threshold
VCC = 12V
-
2.00
-
V
Typical Three-State Shutdown Window
VCC = 12V
1.80
2.40
V
Three-State Lower Gate Falling Threshold
VCC = 12V
1.50
V
Three-State Lower Gate Rising Threshold
VCC = 12V
1.00
V
Three-State Upper Gate Rising Threshold
VCC = 12V
3.20
V
ISL6612B, ISL6613B


Similar Part No. - ISL6612BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612BIRZ INTERSIL-ISL6612BIRZ Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BIRZ INTERSIL-ISL6612BIRZ Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612BIRZ RENESAS-ISL6612BIRZ Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612BIRZ-T INTERSIL-ISL6612BIRZ-T Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612BIRZ-T INTERSIL-ISL6612BIRZ-T Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6612BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com