Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6622ACBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6622ACBZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6622ACBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6622ACBZ Datasheet HTML 1Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6622ACBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6601.2
March 19, 2009
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6622ACBZ*
6622A CBZ
0 to +70
8 Ld SOIC
M8.15
ISL6622ACRZ*
622A
0 to +70
10 Ld 3x3 DFN
L10.3x3
ISL6622AIBZ*
6622A IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6622AIRZ*
22AI
-40 to +85
10 Ld 3x3 DFN
L10.3x3
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL6622A
(8 LD SOIC)
TOP VIEW
ISL6622A
(10 LD 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
VCC
LVCC
LGATE
2
3
4
1
5
9
8
7
10
6
UGATE
BOOT
NC
PWM
PHASE
VCC
UVCC
LVCC
GND
LGATE
PAD
Block Diagrams
ISL6622A
LVCC
VCC
PWM
+5V
11.2k
9.6k
BOOT
UGATE
PHASE
LGATE
GND
UVCC = VCC FOR SOIC
CONTROL
LOGIC
POR/
SHOOT-
THROUGH
PROTECTION
PRE-POR OVP
FEATURES
LVCC
UVCC
20k
10k
ISL6622A


Similar Part No. - ISL6622ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6622ACBZ RENESAS-ISL6622ACBZ Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6622ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com