Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6620IRZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6620IRZ Datasheet HTML 2Page - Intersil Corporation ISL6620IRZ Datasheet HTML 3Page - Intersil Corporation ISL6620IRZ Datasheet HTML 4Page - Intersil Corporation ISL6620IRZ Datasheet HTML 5Page - Intersil Corporation ISL6620IRZ Datasheet HTML 6Page - Intersil Corporation ISL6620IRZ Datasheet HTML 7Page - Intersil Corporation ISL6620IRZ Datasheet HTML 8Page - Intersil Corporation ISL6620IRZ Datasheet HTML 9Page - Intersil Corporation ISL6620IRZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6494.0
April 25, 2008
ISL6620, ISL6620A
Dual Flat No-Lead Plastic Package (DFN)
D
E
A
B
0.10 MC
e
0.415
C
SECTION "C-C"
NX (b)
(A1)
2X
C
0.15
0.15
2X
B
NX L
REF.
(Nd-1)Xe
5
A
C
(DATUM B)
D2
D2/2
E2
E2/2
TOP VIEW
7
BOTTOM VIEW
5
6
INDEX
AREA
8
AB
NX k
6
INDEX
AREA
(DATUM A)
12
N-1
N
NX b
8
NX b
NX L
0.200
C
A
SEATING
PLANE
0.08 C
A3
SIDE VIEW
0.10 C
L10.3x3
10 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.18
0.23
0.28
5,8
D
3.00 BSC
-
D2
1.95
2.00
2.05
7,8
E
3.00 BSC
-
E2
1.55
1.60
1.65
7,8
e
0.50 BSC
-
k0.25
-
-
-
L0.30
0.35
0.40
8
N10
2
Nd
5
3
Rev. 3 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
FOR ODD TERMINAL/SIDE
C
L
e
TERMINAL TIP
L
C
C


Similar Part No. - ISL6620IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620IRZ INTERSIL-ISL6620IRZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620IRZ RENESAS-ISL6620IRZ Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com