Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620AIBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6620AIBZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620AIBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6620AIBZ Datasheet HTML 1Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 2Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 3Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 4Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 5Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 6Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 7Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 8Page - Intersil Corporation ISL6620AIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6494.0
April 25, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . -0.3V to 25V (DC) or 36V (<200ns)
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V (DC)
GND -8V (<20ns Pulse Width, 10µJ) to 30V (<100ns)
UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
DFN Package (Notes 2, 3) . . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range
ISL6620IBZ, ISL6620IRZ, ISL6620AIBZ, ISL6620AIRZ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ISL6620CBZ, ISL6620CRZ, ISL6620ACBZ, ISL6620ACRZ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions; Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not production
tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Current
No Load Switching Supply Current
IVCC
f_PWM = 300kHz, V_VCC = 5V
1.27
mA
Standby Supply Current
IVCC
PWM 0V to 2.5V transition, EN = High
1.85
mA
PWM 0V to 2.5V transition, EN = Low
1.15
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
3.2
3.8
4.4
V
VCC Falling POR Threshold
3.0
3.4
4.0
V
VCC POR Hysteresis
130
300
530
mV
EN High Threshold
1.40
1.65
1.90
V
EN Low Threshold
1.20
1.35
1.55
V
PWM INPUT (See TIMING DIAGRAM" on page 6)
Input Current
IPWM
VPWM = 5V
500
µA
VPWM = 0V
-430
µA
PWM Rising Threshold (Note 4)
VCC = 5V
3.4
V
PWM Falling Threshold (Note 4)
VCC = 5V
1.6
V
Three-State Lower Gate Falling Threshold
VCC = 5V
1.6
V
Three-State Lower Gate Rising Threshold
VCC = 5V
1.1
V
Three-State Upper Gate Rising Threshold
VCC = 5V
3.2
V
Three-state Upper Gate Falling Threshold
VCC = 5V
2.8
V
UGATE Rise Time (Note 4)
t_RU
VCC = 5V, 3nF load, 10% to 90%
8
ns
ISL6620, ISL6620A


Similar Part No. - ISL6620AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620AIBZ INTERSIL-ISL6620AIBZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620AIBZ RENESAS-ISL6620AIBZ Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620AIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com