Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620AIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6620AIRZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620AIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6620AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6620AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6494.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6620, ISL6620A
VR11.1 Compatible Synchronous
Rectified Buck MOSFET Drivers
The ISL6620, ISL6620A is a high frequency MOSFET driver
designed to drive upper and lower power N-Channel
MOSFETs in a synchronous rectified buck converter topology.
The advanced PWM protocol of ISL6620, ISL6620A is
specifically designed to work with Intersil VR11.1 controllers
and combined with N-Channel MOSFETs, form a complete
core-voltage regulator solution for advanced microprocessors.
When ISL6620, ISL6620A detects a PSI protocol sent by an
Intersil VR11.1 controller, it activates Diode Emulation (DE)
operation; otherwise, it operates in normal Continuous
Conduction Mode (CCM) PWM mode.
The IC is biased by a single low voltage supply (5V),
minimizing driving losses in high MOSFET gate capacitance
and high switching frequency applications. Each driver is
capable of driving a 3nF load with less than 10ns rise/fall time.
Bootstrapping of the upper gate driver is implemented via an
internal low forward drop diode, reducing implementation cost,
complexity, and allowing the use of higher performance, cost
effective N-Channel MOSFETs.
To further enhance light load efficiency, ISL6620, ISL6620A
enables diode emulation operation during PSI mode. This
allows Discontinuous Conduction Mode (DCM) by detecting
when the inductor current reaches zero and subsequently
turning off the low side MOSFET to prevent it from sinking
current.
An advanced adaptive shoot-through protection is integrated
to prevent both the upper and lower MOSFETs from
conducting simultaneously and to minimize dead time. The
ISL6620, ISL6620A has a 20k
Ω integrated high-side
gate-to-source resistor to prevent self turn-on due to high
input bus dV/dt.
Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
• 36V Internal Bootstrap Schottky Diode
• Advanced PWM Protocol (Patent Pending) to Support PSI
Mode, Diode Emulation, Three-State Operation
• Diode Emulation For Enhanced Light Load Efficiency
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency
- 4A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• VCC Undervoltage Protection
• Enable Input and Power-On Reset
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• DFN Package:
- Compliant to JEDEC PUB95 MO-220
DFN - Dual Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)
Applications
• High Light Load Efficiency Voltage Regulators
• Core Regulators for Advanced Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB417 “Designing Stable Compensation
Networks for Single Phase Voltage Mode Buck
Regulators” for Power Train Design, Layout Guidelines,
and Feedback Compensation Design
Data Sheet
April 25, 2008


Similar Part No. - ISL6620AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620AIRZ INTERSIL-ISL6620AIRZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620AIRZ RENESAS-ISL6620AIRZ Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com