Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721AARZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6721AARZ
Description  Flexible Single-ended Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721AARZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6721AARZ Datasheet HTML 4Page - Intersil Corporation ISL6721AARZ Datasheet HTML 5Page - Intersil Corporation ISL6721AARZ Datasheet HTML 6Page - Intersil Corporation ISL6721AARZ Datasheet HTML 7Page - Intersil Corporation ISL6721AARZ Datasheet HTML 8Page - Intersil Corporation ISL6721AARZ Datasheet HTML 9Page - Intersil Corporation ISL6721AARZ Datasheet HTML 10Page - Intersil Corporation ISL6721AARZ Datasheet HTML 11Page - Intersil Corporation ISL6721AARZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6797.0
August 23, 2011
Output Pulse Width
CSYNC = 100pF
50
--
ns
SOFT-START
Charging Current
SS = 2V
-40
-55
-70
µA
Charged Threshold Voltage
4.26
4.50
4.74
V
Initial Overcurrent Discharge Current
Sustained OC Threshold < SS <
Charged Threshold
30
40
55
µA
Overcurrent Shutdown Threshold Voltage
Charged Threshold minus,
TA = +25°C
0.095
0.125
0.155
V
Fault Discharge Current
SS = 2V
0.25
1.0
-
mA
Reset Threshold Voltage
TA = +25°C
0.22
0.27
0.31
V
SLOPE COMPENSATION
Charge Current
SLOPE = 2V, 0°C to +105°C
-40°C to +105°C
-45
-41
-53
-53
-65
-65
µA
Slope Compensation Gain
Fraction of slope voltage added to
ISENSE, TA = +25°C
0.097
-
0.103
V/V
Fraction of slope voltage added to
ISENSE
0.082
-
0.118
V/V
Discharge Voltage
VRTCT = 4.5V
-
0.1
0.2
V
GATE OUTPUT
Gate Output Limit Voltage
VC = 20V, CGATE = 1nF,
IOUT = 0mA
11.0
13.5
16.0
V
Gate VOH
VC - GATE, VC = 10V,
IOUT = 150mA
-1.5
2.2
V
Gate VOL
GATE - PGND, IOUT = 150mA
IOUT = 10mA
-1.2
0.6
1.5
0.8
V
Peak Output Current
VC = 20V, CGATE = 1nF (Note 10)
-
1.0
-
A
Output “Faulted” Leakage
VC = 20V, UV = 0V, GATE = 2V
1.2
2.6
-
mA
Rise Time
VC = 20V, CGATE = 1nF
1V < GATE < 9V
-60
100
ns
Fall Time
VC = 20V, CGATE = 1nF
1V < GATE < 9V
-15
40
ns
Minimum ON time
ISET = 0.5V; VFB = 0V; VC = 11V
ISENSE to GATE w/10:1 Divider
RTCT = 4.75V through 1k
Ω
(Note 10)
--
110
ns
OVERCURRENT PROTECTION
Minimum ISET Voltage
--
0.35
V
Maximum ISET Voltage
1.2
--
V
ISET Bias Current
VISET = 1.00V
-1.0
-
1.0
µA
Restart Delay
TA = +25°C
150
295
445
ms
OV AND UV VOLTAGE MONITOR
Overvoltage Threshold
2.4
2.5
2.6
V
Undervoltage Fault Threshold
1.89
1.93
2.00
V
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic on page 3 and page 4. 9V < VCC = VC < 20V, RT = 11kΩ, CT = 330 pF. Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
ISL6721A


Similar Part No. - ISL6721AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721AARZ RENESAS-ISL6721AARZ Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
ISL6721AARZ RENESAS-ISL6721AARZ Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
ISL6721AARZ-T RENESAS-ISL6721AARZ-T Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results

Similar Description - ISL6721AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com