Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6722AABZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6722AABZ
Description  Flexible Single Ended Current Mode PWM Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6722AABZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6722AABZ Datasheet HTML 7Page - Intersil Corporation ISL6722AABZ Datasheet HTML 8Page - Intersil Corporation ISL6722AABZ Datasheet HTML 9Page - Intersil Corporation ISL6722AABZ Datasheet HTML 10Page - Intersil Corporation ISL6722AABZ Datasheet HTML 11Page - Intersil Corporation ISL6722AABZ Datasheet HTML 12Page - Intersil Corporation ISL6722AABZ Datasheet HTML 13Page - Intersil Corporation ISL6722AABZ Datasheet HTML 14Page - Intersil Corporation ISL6722AABZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
FN9237.2
September 29, 2015
VCC to LGND with a ceramic capacitor as close to the VCC
and LGND pins as possible.
The total supply current (IC plus ICC) will be higher,
depending on the load applied to GATE. Total current is the
sum of the quiescent current and the average gate current.
Knowing the operating frequency, fsw, and the MOSFET
gate charge, Qg, the average GATE output current can be
calculated from Equation 5:
VREF - The 5.00V reference voltage output. Bypass to
LGND with a 0.01µF or larger capacitor to filter this output as
needed. Using capacitance less than this value may result in
unstable operation.
SS - Connect the soft-start capacitor between this pin and
LGND to control the duration of soft-start. The value of the
capacitor determines both the rate of increase of the duty
cycle during start up, and also controls the overcurrent
shutdown delay.
ISET - A DC voltage between 0.35V and 1.2V applied to this
input sets the pulse-by-pulse overcurrent threshold. When
overcurrent inception occurs, the SS capacitor begins to
discharge and starts the overcurrent delayed shutdown
cycle.
Functional Description
Features
The ISL6722A and ISL6723A current mode PWMs make an
ideal choice for low-cost flyback and forward topology
applications requiring enhanced control and supervisory
capability. With adjustable over and undervoltage thresholds,
overcurrent threshold, and hiccup delay, a highly flexible
design with minimal external components is possible. Other
features include peak current mode control, adjustable soft-
start, slope compensation, adjustable oscillator frequency,
and a low power sleep mode.
Oscillator
The ISL6722A and ISL6723A have a sawtooth oscillator with
a programmable frequency range to 1MHz, which can be
programmed with a resistor and capacitor on the RTCT pin.
(Please refer to Figure 4 for the resistance and capacitance
required for a given frequency.)
Implementing Synchronization (ISL6723A)
The oscillator can be synchronized to an external clock
applied at the SYNC pin or by connecting the SYNC pins of
multiple ICs together. If an external master clock signal is
used, it must be at least 65% of the free running frequency of
the oscillator for proper synchronization. The external
master clock signal should have a pulse width greater than
20ns. If no master clock is used, the first device to assert
SYNC assumes control of the SYNC signal. An external
SYNC pulse is ignored if it occurs during the first 1/3 of the
switching cycle.
During normal operation the RTCT voltage charges from
1.5V to 3.0V and back during each cycle. Clock and SYNC
signals are generated when the 3.0V threshold is reached. If
an external clock signal is detected during the latter 2/3 of
the charging cycle, the oscillator switches to external
synchronization mode and relies upon the external SYNC
signal to terminate the oscillator cycle. The generation of a
SYNC signal is inhibited in this mode. If the RTCT voltage
exceeds 4.0V (i.e. no external SYNC signal terminates the
cycle), the oscillator reverts to the internal clock mode and a
SYNC signal is generated.
Soft-Start Operation
The ISL6722A and ISL6723A feature a soft-start using an
external capacitor in conjunction with an internal current
source. Soft-start is used to reduce voltage stresses and
surge currents during start up.
Upon start up, the soft-start circuitry clamps the error
amplifier output (COMP pin) to a value proportional to the
soft-start voltage. The error amplifier output rises as the
soft-start capacitor voltage rises. This has the effect of
increasing the output pulse width from zero to the steady
state operating duty cycle during the soft-start period. When
the soft-start voltage exceeds the error amplifier voltage,
soft-start is completed. Soft-start forces a controlled output
voltage rise. Soft-start occurs during start-up and after
recovery from a fault condition or overcurrent shutdown. The
soft-start voltage is clamped to 4.5V.
Gate Drive
The output of these controllers is capable of sourcing and
sinking 1A peak current. Separate collector supply (VC) and
power ground (PGnd) pins help isolate the IC’s analog
circuitry from the high power gate drive noise. To limit the
peak current through the IC, an external resistor may be
placed between the totem-pole output of the IC (GATE pin)
and the gate of the MOSFET. This small series resistor also
damps any oscillations caused by the resonant tank of the
parasitic inductances in the traces of the board and the
FET’s input capacitance.
Slope Compensation
For applications where the maximum duty cycle is less than
50%, slope compensation may be used to improve noise
immunity, particularly at lighter loads. The amount of slope
compensation required for noise immunity is determined
empirically, but is generally about 10% of the full scale
current feedback signal. For applications where the duty
cycle is greater than 50%, slope compensation is required to
prevent instability. Slope compensation is a technique in
which the current feedback signal is modified by adding
additional slope to it.
(EQ. 5)
Igate
Qg fsw
=
A
ISL6722A, ISL6723A


Similar Part No. - ISL6722AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722AABZ RENESAS-ISL6722AABZ Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results

Similar Description - ISL6722AABZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com