Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6730AFUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6730AFUZ
Description  Power Factor Correction Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6730AFUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6730AFUZ Datasheet HTML 4Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 5Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 6Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 7Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 8Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 9Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 10Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 11Page - Intersil Corporation ISL6730AFUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL6730A, ISL6730B, ISL6730C, ISL6730D
8
FN8258.1
August 8, 2013
OVERCURRENT PROTECTION
Overcurrent Threshold
IOC
-197
-177
-159
µA
THERMAL SHUTDOWN
Shutdown Temperature (Note 7)
-
160
-
°C
Thermal Shutdown Hysteresis (Note 7)
-25
-
°C
NOTES:
6. This is the VCC current consumed when the device is active but not switching. Does not include gate drive current.
7. Limits should be considered typical and are not production tested.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Electrical Specifications Operating Conditions: VCC = 15V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
Typical Performance Curves
FIGURE 3. FEEDBACK ACCURACY
FIGURE 4. FSW vs TEMPERATURE, VCC = 15V
FIGURE 5. AIDC vs TEMPERATURE
FIGURE 6. FSW vs VIN, TA = +25°C
TEMPERATURE (°C)
99.50
99.75
100.00
100.25
100.50
-40
-20
0
20
40
60
80
100
120
140
99.0
99.5
100.0
101.0
VIN = 0.6V
VIN = 2.5V
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
140
100.5
TEMPERATURE (°C)
97
98
99
100
101
-40
-20
0
20
40
60
80
100
120
140
75
80
85
90
95
100
105
VIN (V)
0
0.5
1.01.5
2.02.5
3.0


Similar Part No. - ISL6730AFUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results

Similar Description - ISL6730AFUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com