Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740AIVZA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6740AIVZA
Description  Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740AIVZA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6740AIVZA Datasheet HTML 2Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 3Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 4Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 5Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 6Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 7Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 8Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 9Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL6740A
6
FN9195.3
February 9, 2012
SC Setpoint Accuracy
-10
-
%
PULSE WIDTH MODULATOR
VERROR Input Impedance
400
--
k
Ω
Minimum Duty Cycle
VERROR < CT Valley Voltage
-
-
0
%
Maximum Duty Cycle
VERROR > 4.75V, VUV/FF = 2.5V (Note 9)
RTD = 5.11kΩ, RTC = 25.5kΩ, CT = 220pF
-83-
%
-99-
%
VERROR to PWM Comparator Input Gain
-
0.4
-
V/V
CT to PWM Comparator Input Gain
-0.4
-
V/V
SS to PWM Comparator Input Gain
-0.5
-
V/V
OSCILLATOR
Frequency Accuracy
TA = +25°C (Note 10)
333
351
369
kHz
Frequency Variation with VDD
TA = +105°C, |(F20V - F9V)/F9V|, UV/FF = 2.00V
-
0.1
0.4
%
TA = +25°C, |(F20V - F9V)/F9V|, UV/FF = 2.00V
-
0.1
0.3
TA = -40°C, |(F20V - F9V)/F9V|, UV/FF = 2.00V
-
0.2
0.7
Frequency Variation with VUV/FF
TA = +25°C, |(F4.25V - F2.00V)/F2.00V|
%
VDD = 9V
-
1.2
3
%
VDD = 20V
-
1.2
3
%
Temperature Stability
VUV/FF = 2.0V, VDD = 9V
-
0.5
1.5
%
Charge Current Gain
1.88
2.0
2.12
µA/µA
Discharge Current Gain
45
55
65
µA/µA
CT Valley Voltage
Static operation
0.75
0.80
0.85
V
CT Peak Voltage
Static operation
VUV/FF = 2.00V
2.30
2.40
2.50
V
VUV/FF = 4.25V
4.10
4.20
4.30
V
RTD, RTC Voltage
RLOAD = 0Ω
VUV/FF = 2.00V
-
1.60
-
V
VUV/FF = 4.25V
-
3.40
-
V
SYNCHRONIZATION
Input High Threshold (VIH), Minimum
4.0
--
V
Input Low Threshold (VIL), Maximum
--
0.8
V
Input Impedance
-4.5
-
k
Ω
Input Frequency Range
Free Running
-
1.67 x
Free Running
Hz
Input Pulse Width
100
--
ns
High Level Output Voltage (VOH)
ILOAD = -1mA
-
4.5
-
V
Low Level Output Voltage (VOL)
ILOAD = 10µA
-
-
100
mV
SYNC Output Current
VOH > 2.0V
-10
--
mA
SYNC Output Pulse Duration (Minimum)
250
-
532
ns
SYNC Advance
SYNC rising edge to GATE falling edge,
COUTA/B = CSYNC = 100pF
-5-
ns
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on
page 2 and Typical Application Schematics on page 3 and page 4. 9V < VDD < 20 V, RTD = 51.1kΩ, RTC = 10kΩ, CT = 470pF, TA = -40°C to 105°C,
Typical values are at TA = 25°C. Boldface limits apply over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Similar Part No. - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740AIVZA RENESAS-ISL6740AIVZA Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA-T INTERSIL-ISL6740AIVZA-T Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results

Similar Description - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com