Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6730BEVAL1Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6730BEVAL1Z
Description  Power Factor Correction Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6730BEVAL1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6730BEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL6730BEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Power Factor Correction Controllers
ISL6730A, ISL6730B, ISL6730C, ISL6730D
The ISL6730A, ISL6730B, ISL6730C, ISL6730D are active
Power Factor Correction (PFC) controller ICs that use a boost
topology. The controllers are suitable for AC/DC power
systems, up to 2kW and over the universal line input.
The ISL6730A, ISL6730B, ISL6730C, ISL6730D operate in
Continuous Conduction Mode (CCM). Accurate input current
shaping is achieved with a current error amplifier. A patent
pending breakthrough negative capacitance technology
minimizes zero crossing distortion and reduces the magnetic
components size. The small external components result in a
low cost design without sacrificing performance.
The internally clamped 12.5V gate driver delivers 1.5A peak
current to the external power MOSFET. The ISL6730A,
ISL6730B, ISL6730C, ISL6730D provide a highly reliable
system that is fully protected. Protection features include
cycle-by-cycle overcurrent, over power limit, over-temperature,
input brownout, output overvoltage and undervoltage
protection.
The ISL6730A, ISL6730B provide excellent power efficiency
and transitions into a power saving skip mode during light load
conditions, thus improving efficiency automatically. The
ISL6730A, ISL6730B, ISL6730C, ISL6730D can be shut down
by pulling the FB pin below 0.5V or grounding the BO pin. The
ISL6730C, ISL6730D have no skip mode.
Two switching frequency options are provided. The ISL6730B,
ISL6730D switch at 62kHz, and the ISL6730A, ISL6730C
switch at 124kHz.
Features
• Reduce component size requirements
- Enables smaller, thinner AC/DC adapters
- Choke and cap size can be reduced
- Lower cost of materials
• Excellent power factor over line and load regulation
- Internal current compensation
- CCM Mode with Patent pending IP for smaller EMI filter
•Better light load efficiency
- Automatic pulse skipping
- Programmable or automatic shutdown
• High reliable design
- Cycle-by-cycle current limit
- Input average power limit
- OVP and OTP protection
- Input brownout protection
• Small 10 Ld MSOP package
Applications
• Desktop computer AC/DC adaptor
• Laptop computer AC/DC adaptor
•TV AC/DC power supply
•AC/DC brick converters
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. PFC EFFICIENCY
+
ISL6730
VCC
ISEN
ICOMP
VIN
GATE
GND
FB
BO
VREG
COMP
VLINE
VOUT
VI
OUTPUT POWER (W)
ISL6730C
ISL6730A, SKIP
100
95
60
65
70
90
85
80
75
0
20
40
60
80
100
TABLE 1. KEY DIFFERENCES IN FAMILY OF ISL6730
VERSION
ISL6730A
ISL6730B
ISL6730C
ISL6730D
Switching Frequency
124kHz
62kHz
124kHz
62kHz
Skip Mode
Yes-Fixed
Yes-Fixed
No
No
August 8, 2013
FN8258.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6730BEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730BEVAL1Z INTERSIL-ISL6730BEVAL1Z Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results

Similar Description - ISL6730BEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com