Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6742AAZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6742AAZA
Description  Advanced Double-Ended PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6742AAZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6742AAZA Datasheet HTML 3Page - Intersil Corporation ISL6742AAZA Datasheet HTML 4Page - Intersil Corporation ISL6742AAZA Datasheet HTML 5Page - Intersil Corporation ISL6742AAZA Datasheet HTML 6Page - Intersil Corporation ISL6742AAZA Datasheet HTML 7Page - Intersil Corporation ISL6742AAZA Datasheet HTML 8Page - Intersil Corporation ISL6742AAZA Datasheet HTML 9Page - Intersil Corporation ISL6742AAZA Datasheet HTML 10Page - Intersil Corporation ISL6742AAZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN9183.2
October 31, 2008
CT Valley Voltage
Static Threshold
0.75
0.80
0.88
V
CT Peak Voltage
Static Threshold
2.75
2.80
2.88
V
CT Pk-Pk Voltage
Static Value
1.92
2.00
2.05
V
RTD Voltage
1.97
2.00
2.03
V
OUTPUT
High Level Output Voltage (VOH)
IOUT = -10mA, VDD - VOH
-
0.5
1.0
V
Low Level Output Voltage (VOL)
IOUT = 10mA, VOL - GND
-
0.5
1.0
V
Rise Time
COUT = 220pF, VDD = 15V (Note 3)
-
110
200
ns
Fall Time
COUT = 220pF, VDD = 15V (Note 3)
-
90
150
ns
UVLO Output Voltage Clamp
VDD = 7V, ILOAD = 1mA (Note 5)
-
-
1.25
V
Output Delay/Advance Range
OUTAN/OUTBN Relative to OUTA/OUTB
VADJ = 2.50V (Note 3)
-
-
3
ns
VADJ < 2.425V
-40
-
-300
ns
VADJ > 2.575V
40
-
300
ns
Delay Control Voltage Range
OUTAN/OUTBN Relative to OUTA/OUTB
OUTxN Delayed
2.575
-
5.000
V
OUTx Delayed
0
-
2.425
V
VADJ Delay Time
TA = +25°C (OUTx Delayed) (Note 6)
VADJ = 0
280
300
320
ns
VADJ = 0.5V
92
105
118
ns
VADJ = 1.0V
61
70
80
ns
VADJ = 1.5V
48
55
65
ns
VADJ = 2.0V
41
50
58
ns
TA = +25°C (OUTxN Delayed)
VADJ = VREF
280
300
320
ns
VADJ = VREF - 0.5V
86
100
114
ns
VADJ = VREF - 1.0V
59
68
77
ns
VADJ = VREF - 1.5V
47
55
62
ns
VADJ = VREF - 2.0V
41
48
55
ns
THERMAL PROTECTION
Thermal Shutdown
(Note 3)
130
140
150
°C
Thermal Shutdown Clear
(Note 3)
115
125
135
°C
Hysteresis, Internal Protection
(Note 3)
-
15
-
°C
NOTES:
3. Limits established by characterization and are not production tested.
4. This is the maximum duty cycle achievable using the specified values of RTD and CT. Larger or smaller maximum duty cycles may be obtained
using other values for these components. See Equations 1 through 3.
5. Adjust VDD below the UVLO stop threshold prior to setting at 7V.
6. When OUTx is delayed relative to OUTLxN (VADJ < 2.425V), the delay duration as set by VADJ should not exceed 90% of the CT discharge time
(deadtime) as determined by CT and RTD.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2,
“Typical Application - Telecom Primary Side Control Half-Bridge Converter with Synchronous Rectification” on
page 3 and “Typical Application - High Voltage Input Secondary Side Control Full-Bridge Converter” on page 4.
9V < VDD < 20V, RTD = 10.0k
Ω, CT = 470pF, TA = -40°C to +105°C, Typical values are at TA = +25°C.
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature
limits established by characterization and are not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6742


Similar Part No. - ISL6742AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Renesas Technology Corp
ISL6742AAZA RENESAS-ISL6742AAZA Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
More results

Similar Description - ISL6742AAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com