Electronic Components Datasheet Search |
|
ISL6613AIRZ-T(Note1) Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL6613AIRZ-T(Note1) Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 FN9159.7 May 1, 2012 Ordering Information PART NUMBER (Notes 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL6612ACBZ 6612 ACBZ 0 to +85 8 Ld SOIC M8.15 ISL6612ACBZ-T (Note 1) 6612 ACBZ 0 to +85 8 Ld SOIC Tape and Reel M8.15 ISL6612ACBZA 6612 ACBZ 0 to +85 8 Ld SOIC M8.15 ISL6612ACBZA-T (Note 1) 6612 ACBZ 0 to +85 8 Ld SOIC Tape and Reel M8.15 ISL6612ACRZ 12AZ 0 to +85 10 Ld 3x3 DFN L10.3x3 ISL6612ACRZ-T (Note 1) 12AZ 0 to +85 10 Ld 3x3 DFN Tape and Reel L10.3x3 ISL6612AECBZ 6612 AECBZ 0 to +85 8 Ld EPSOIC M8.15B ISL6612AECBZ-T (Note 1) 6612 AECBZ 0 to +85 8 Ld EPSOIC Tape and Reel M8.15B ISL6612AEIBZ 6612 AEIBZ -40 to +85 8 Ld EPSOIC M8.15B ISL6612AEIBZ-T (Note 1) 6612 AEIBZ -40 to +85 8 Ld EPSOIC Tape and Reel M8.15B ISL6612AIBZ 6612 AIBZ -40 to +85 8 Ld SOIC M8.15 ISL6612AIBZ-T (Note 1) 6612 AIBZ -40 to +85 8 Ld SOIC Tape and Reel M8.15 ISL6612AIRZ 2AIZ -40 to +85 10 Ld 3x3 DFN L10.3x3 ISL6612AIRZ-T (Note 1) 2AIZ -40 to +85 10 Ld 3x3 DFN Tape and Reel L10.3x3 ISL6613ACBZ 6613 ACBZ 0 to +85 8 Ld SOIC M8.15 ISL6613ACBZ-T (Note 1) 6613 ACBZ 0 to +85 8 Ld SOIC Tape and Reel M8.15 ISL6613ACRZ 13AZ 0 to +85 10 Ld 3x3 DFN L10.3x3 ISL6613ACRZ-T (Note 1) 13AZ 0 to +85 10 Ld 3x3 DFN Tape and Reel L10.3x3 ISL6613AECBZ 6613 AECBZ 0 to +85 8 Ld EPSOIC M8.15B ISL6613AECBZ-T (Note 1) 6613 AECBZ 0 to +85 8 Ld EPSOIC Tape and Reel M8.15B ISL6613AEIBZ 6613 AEIBZ -40 to +85 8 Ld EPSOIC M8.15B ISL6613AEIBZ-T (Note 1) 6613 AEIBZ -40 to +85 8 Ld EPSOIC Tape and Reel M8.15B ISL6613AIBZ 6613 AIBZ -40 to +85 8 Ld SOIC M8.15 ISL6613AIBZ-T (Note 1) 6613 AIBZ -40 to +85 8 Ld SOIC Tape and Reel M8.15 ISL6613AIRZ 3AIZ -40 to +85 10 Ld 3x3 DFN L10.3x3 ISL6613AIRZ-T (Note 1) 3AIZ -40 to +85 10 Ld 3x3 DFN Tape and Reel L10.3x3 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb- free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6612A, ISL6613A. For more information on MSL please see techbrief TB363. ISL6612A, ISL6613A |
Similar Part No. - ISL6613AIRZ-T(Note1) |
|
Similar Description - ISL6613AIRZ-T(Note1) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |