Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCPB5530X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMCPB5530X
Description  20 V, complementary Trench MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCPB5530X Datasheet(HTML) 2 Page - NXP Semiconductors

  PMCPB5530X_15 Datasheet HTML 1Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 2Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 3Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 4Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 5Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 6Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 7Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 8Page - NXP Semiconductors PMCPB5530X_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PMCPB5530X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 June 2012
2 of 18
NXP Semiconductors
PMCPB5530X
20 V, complementary Trench MOSFET
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 6 cm2.
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
TR2 (P-channel)
VDS
drain-source voltage
Tj = 25 °C
---20
V
VGS
gate-source voltage
-12
-
12
V
ID
drain current
VGS =-4.5V; Tamb =25°C; t ≤ 5 s
[1]
---4.5
A
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source TR1
DFN2020-6 (SOT1118)
2
G1
gate TR1
3D2
drain TR2
4S2
source TR2
5
G2
gate TR2
6D1
drain TR1
7D1
drain TR1
8D2
drain TR2
Transparent top view
6
78
54
123
S1
D1
G1
S2
017aaa261
D2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMCPB5530X
DFN2020-6
plastic thermal enhanced ultra thin small outline package;
no leads; 6 terminals
SOT1118
Table 4.
Marking codes
Type number
Marking code
PMCPB5530X
1W
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1 (N-channel)
VDS
drain-source voltage
Tj =25°C
-
20
V
VGS
gate-source voltage
-12
12
V


Similar Part No. - PMCPB5530X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCPB5530X NEXPERIA-PMCPB5530X Datasheet
1Mb / 18P
   20 V, complementary Trench MOSFET
More results

Similar Description - PMCPB5530X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCPB5530X NEXPERIA-PMCPB5530X Datasheet
1Mb / 18P
   20 V, complementary Trench MOSFET
logo
NXP Semiconductors
PMCXB900UE NXP-PMCXB900UE Datasheet
324Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
7 October 2013
logo
Nexperia B.V. All right...
PMCXB900UE NEXPERIA-PMCXB900UE Datasheet
794Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
30 June 2015
PMCXB290UE NEXPERIA-PMCXB290UE Datasheet
372Kb / 19P
   20 V, complementary N/P-channel Trench MOSFET
30 May 2023
logo
NXP Semiconductors
PMCXB900UE PHILIPS-PMCXB900UE_15 Datasheet
320Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
30 June 2015
logo
Nexperia B.V. All right...
PMCXB900UEL NEXPERIA-PMCXB900UEL Datasheet
801Kb / 21P
   20 V, complementary N/P-channel Trench MOSFET
logo
Leshan Radio Company
LNP2601T1G LRC-LNP2601T1G Datasheet
713Kb / 8P
   20 V Complementary Trench MOSFET N-Channel:VDS = 20V
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com