Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3771 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM3771
Description  DUAL STEPPER MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3771 Datasheet(HTML) 5 Page - New Japan Radio

  NJM3771 Datasheet HTML 1Page - New Japan Radio NJM3771 Datasheet HTML 2Page - New Japan Radio NJM3771 Datasheet HTML 3Page - New Japan Radio NJM3771 Datasheet HTML 4Page - New Japan Radio NJM3771 Datasheet HTML 5Page - New Japan Radio NJM3771 Datasheet HTML 6Page - New Japan Radio NJM3771 Datasheet HTML 7Page - New Japan Radio NJM3771 Datasheet HTML 8Page - New Japan Radio NJM3771 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM3771
s ELECTRICAL CHARACTERISTICS
Electrical characteristics over recommended operating conditions, unless otherwise noted. -20
°C < T
J < +125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
General
Supply current
I
CC
-38
50
mA
Total power dissipation
P
D
V
MM = 40 V, IM1= 450
mA, I
M2= 0 mA.
1.4
1.6
W
Notes 2, 3.
V
MM = 40 V, IM1 = IM2 = 318 mA.
1.6
1.8
W
Notes 2, 3.
Turn-off delay
t
d
T
a = +25°C, dVC/dt ≥ 50 mV/µs.
-
1.0
1.5
µs
Note 3.
Logic Inputs
Logic HIGH input voltage
V
IH
2.0
-
-
V
Logic LOW input voltage
V
IL
-
-
0.6
V
Logic HIGH input current
I
IH
V
I = 2.4 V
-
-
20
µA
Logic LOW input current
I
IL
V
I = 0.4 V
-0.4
-
-
mA
Reference Inputs
Input resistance
R
R
T
a = +25°C
-
5
-
kohm
Input current
I
R
T
a = +25°C, VR = 2.5 V.
0.5
1.0
mA
Turn-off voltage
V
TO
20
29
38
mV
Comparator Inputs
Threshold voltage
V
CH
R
C = 1 kohms, VR = 2.5 V
430
450
470
mV
| V
CH1 - VCH2 | mismatch
V
CH,diff
R
C = 1 kohms
-
1
-
mV
Input current
I
C
-10
-
1
µA
Motor Outputs
Lower transistor saturation voltage
I
M = 500 mA
-
1.00
1.20
V
Lower transistor leakage current
V
MM = 41 V, VE = VR = 0 V, VC = VCC
-
-
300
µA
Lower diode forward voltage drop
I
M = 500 mA
-
1.10
1.25
V
Upper transistor saturation voltage
I
M = 500 mA
-
1.20
1.35
V
Upper transistor leakage current
V
MM = 41 V, VE = VR = 0 V, VC = VCC
-
-
300
µA
Upper diode forward voltage drop
I
M = 500 mA
-
1.00
1.25
V
Chopper Oscillator
Chopping frequency
f
s
C
T = 3300 pF, RT = 15 kohms
25.0
26.5
28.0
kHz
s THERMAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal resistance
Rth
J-GND
DIP package.
-
11
-
°C/W
Rth
J-A
DIP package. Note 2.
-
40
-
°C/W
Rth
J-GND
PLCC package.
-
9
-
°C/W
Rth
J-A
PLCC package. Note 2.
-
35
-
°C/W
Rth
J-GND
EMP package.
-
13
-
°C/W
Rth
J-A
EMP package. Note 2.
-
42
-
°C/W
Notes
1. All voltages are with respect to ground. Currents are positive into, negative out of specified terminal.
2. All ground pins soldered onto a 20 cm2 PCB copper area with free air convection.
3. Not covered by final test program.
4. Switching duty cycle D = 30%, f
S = 26.5 kHz


Similar Part No. - NJM3771

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM37717 NJRC-NJM37717 Datasheet
196Kb / 10P
   STEPPER MOTOR DRIVER
NJM37717D2 NJRC-NJM37717D2 Datasheet
196Kb / 10P
   STEPPER MOTOR DRIVER
More results

Similar Description - NJM3771

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com