Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18200 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMD18200
Description  3A, 55V H-Bridge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMD18200 Datasheet(HTML) 3 Page - Texas Instruments

  LMD18200_15 Datasheet HTML 1Page - Texas Instruments LMD18200_15 Datasheet HTML 2Page - Texas Instruments LMD18200_15 Datasheet HTML 3Page - Texas Instruments LMD18200_15 Datasheet HTML 4Page - Texas Instruments LMD18200_15 Datasheet HTML 5Page - Texas Instruments LMD18200_15 Datasheet HTML 6Page - Texas Instruments LMD18200_15 Datasheet HTML 7Page - Texas Instruments LMD18200_15 Datasheet HTML 8Page - Texas Instruments LMD18200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMD18200
www.ti.com
SNVS091F – DECEMBER 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Total Supply Voltage (VS, Pin 6)
60V
Voltage at Pins 3, 4, 5, 8 and 9
12V
Voltage at Bootstrap Pins
(Pins 1 and 11)
VOUT +16V
Peak Output Current (200 ms)
6A
Continuous Output Current (3)
3A
Power Dissipation (4)
25W
Power Dissipation (TA = 25°C, Free Air)
3W
Junction Temperature, TJ(max)
150°C
ESD Susceptibility (5)
1500V
Storage Temperature, TSTG
−40°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
See Application Information for details regarding current limiting.
(4)
The maximum power dissipation must be derated at elevated temperatures and is a function of TJ(max), θJA, and TA. The maximum
allowable power dissipation at any temperature is PD(max) = (TJ(max) − TA)/θJA, or the number given in the Absolute Ratings, whichever is
lower. The typical thermal resistance from junction to case (
θJC) is 1.0°C/W and from junction to ambient (θJA) is 30°C/W. For ensured
operation TJ(max) = 125°C.
(5)
Human-body model, 100 pF discharged through a 1.5 k
Ω resistor. Except Bootstrap pins (pins 1 and 11) which are protected to 1000V
of ESD.
Operating Ratings
(1)
Junction Temperature, TJ
−40°C to +125°C
VS Supply Voltage
+12V to +55V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
Electrical Characteristics
(1)
The following specifications apply for VS = 42V, unless otherwise specified. Boldface limits apply over the entire operating
temperature range,
−40°C ≤ TJ ≤ +125°C, all other limits are for TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typ
Limit
Units
RDS(ON)
Switch ON Resistance
Output Current = 3A (2)
0.33
0.40/0.6
Ω (max)
RDS(ON)
Switch ON Resistance
Output Current = 6A (2)
0.38
0.45/0.6
Ω (max)
VCLAMP
Clamp Diode Forward Drop
Clamp Current = 3A (2)
1.2
1.5
V (max)
VIL
Logic Low Input Voltage
Pins 3, 4, 5
−0.1
V (min)
0.8
V (max)
IIL
Logic Low Input Current
VIN = −0.1V, Pins = 3, 4, 5
−10
μA (max)
VIH
Logic High Input Voltage
Pins 3, 4, 5
2
V (min)
12
V (max)
IIH
Logic High Input Current
VIN = 12V, Pins = 3, 4, 5
10
μA (max)
Current Sense Output
IOUT = 1A
(3)
377
325/300
μA (min)
425/450
μA (max)
Current Sense Linearity
1A
≤ IOUT ≤ 3A
(4)
±6
±9
%
(1)
All limits are 100% production tested at 25°C. Temperature extreme limits are ensured via correlation using accepted SQC (Statistical
Quality Control) methods. All limits are used to calculate AOQL, (Average Outgoing Quality Level).
(2)
Output currents are pulsed (tW < 2 ms, Duty Cycle < 5%).
(3)
Selections for tighter tolerance are available. Contact factory.
(4)
Regulation is calculated relative to the current sense output value with a 1A load.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMD18200


Similar Part No. - LMD18200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
More results

Similar Description - LMD18200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com