Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A47_15 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7A47_15
Description  TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A47_15 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A47_15_15 Datasheet HTML 5Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 6Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 7Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 8Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 9Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 10Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 11Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 12Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CNR = 0.01 µF
CNR = 0.1 µF
CNR = 1 µF
CNR = 2.2 µF
IOUT = 1 A
COUT = 50 µF
VIN = 3 V
VOUT = 1.4 V
G011
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CNR = 0.01 µF
CNR = 0.1 µF
CNR = 1 µF
CNR = 2.2 µF
IOUT = 0.5 A
COUT = 50 µF
VIN = 3 V
VOUT = 1.4 V
G012
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+105°C
+125°C
G009
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
VOUT = 90% VOUT(NOM)
G010
0.1
1
10
1
10
100
1000
Output Current (mA)
−40°C
0°C
+25°C
+85°C
+125°C
G007
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
G008
TPS7A4700, TPS7A4701
www.ti.com
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
Typical Characteristics (continued)
At –40°C
≤ TJ ≤ 125°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN =10 µF; COUT = 10
µF; CNR = 1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN, unless
otherwise noted.
Figure 7. Ground Current vs Output Current
Figure 8. Enable Current vs Input Voltage
Figure 9. Shutdown Current vs Input Voltage
Figure 10. Current Limit vs Input Voltage
Figure 11. Power-Supply Rejection Ratio vs CNR
Figure 12. Power-Supply Rejection Ratio vs CNR
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7A4700 TPS7A4701


Similar Part No. - TPS7A47_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701 TI1-TPS7A4701 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWRQ1 TI1-TPS7A4701QRGWRQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWTQ1 TI1-TPS7A4701QRGWTQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A47_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com