Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66228 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66228
Description  Base lead eliminated for improved noise immunity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66228 Datasheet(HTML) 1 Page - Micropac Industries

  66228 Datasheet HTML 1Page - Micropac Industries 66228 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66228 3C91C TYPE PROTON RADIATION TOLERANT OPTOCOUPLER
OPTOELECTRONIC PRODUCTS
DIVISION
09/22/2010
Features:
High Reliability
Base lead eliminated for improved noise immunity
Rugged package
Stability over wide temperature
+500 V electrical isolation
Applications:
Eliminate ground loops
Level shifting
Line receiver
Switching power supplies
Motor control
DESCRIPTION
The 66228 optocoupler consists of an 850 nm GaAlAs LED optically coupled to a silicon planar phototransistor. This LED
has proven to be highly tolerant to proton radiation and to be more tolerant of operating temperatures over 100°C than the
more commonly used 660 nm LED. The optocoupler is built on a TO-72 header. The anode of the LED is electrically
connected to the case. The internal base connection has been eliminated for improved noise immunity.
ABSOLUTE MAXIMUM RATINGS
Emitter-Collector Voltage....................................................................................................................................................... 7 V
Collector-Emitter Voltage ................................................................................................................................................... 60 V
Reverse Input Voltage .......................................................................................................................................................... 7 V
Input Diode Continuous Forward Current (Note 1) ......................................................................................................... 50 mA
Peak Forward Input Current (value applies for tw
< 1µs, PRR < 300 pps) .....................................................................500 mA
Continuous Collector Current ........................................................................................................................................... 50 mA
Continuous Transistor Power Dissipation (Note 2) .......................................................................................................230 mW
Input to Output Isolation Voltage ..................................................................................................................................... 1000 V
Storage Temperature........................................................................................................................................-65°C to +150°C
Operating Free-Air Temperature Range ..........................................................................................................-55°C to +125°C
Lead Solder Temperature (10 seconds, 1/16” from case) .............................................................................................. 260°C
Notes:
1.
Derate linearly to 125°C free-air temperature at the rate of 0.5 mA/°C.
2.
Derate linearly to 125°C free-air temperature at the rate of 2.3 mW/°C.
Package Dimensions
Schematic Diagram
0.210 [5.34]
0.170 [4.32]
0.230 [5.84]
0.209 [5.31]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
4 LEADS
0.019 [0.48]
0.016 [0.41]
0.195 [4.95]
0.178 [4.52]
ANODE ELECTRICALLY CONNECTED TO CASE.
2
1
3
45°
Ø0.100 [2.54]
EMITTER
CATHODE
COLLECTOR
4
ANODE
0.046 [1.17]
0.036 [0.91]
0.048 [1.22]
0.028 [0.71]
K 1
A 4
3 E
2 C
0.500 [12.70]
MIN


Similar Part No. - 66228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
66221E3 VISHAY-66221E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
Micropac Industries
66223 MICROPAC-66223 Datasheet
106Kb / 2P
   Base lead provided for conventional transistor biasing
66224 MICROPAC-66224 Datasheet
56Kb / 2P
   Base lead provided for conventional transistor biasing
66225 MICROPAC-66225 Datasheet
58Kb / 2P
   Designed to meet or exceed MIL-PRF-19500 radiation requirements
66226 MICROPAC-66226 Datasheet
62Kb / 2P
   Designed to meet or exceed MIL-PRF-19500 radiation requirements
More results

Similar Description - 66228

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
   IMPROVED LATCH-UP IMMUNITY
February 2003
logo
Texas Instruments
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
logo
Central Semiconductor C...
CQ220-8M3 CENTRAL-CQ220-8M3 Datasheet
495Kb / 4P
   3Q technology for noise immunity
logo
Texas Instruments
UCC28061-Q1 TI1-UCC28061-Q1 Datasheet
982Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com