Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66260 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66260
Description  Base lead provided for conventional transistor biasing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66260 Datasheet(HTML) 1 Page - Micropac Industries

  66260 Datasheet HTML 1Page - Micropac Industries 66260 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66260
6 PIN GULL WING
PROTON RADIATION TOLERANT OPTOCOUPLER
OPTOELECTRONIC PRODUCTS
DIVISION
05/31/2013
Features:
High Reliability
Base lead provided for conventional transistor
biasing
Rugged package
Stability over wide temperature
+1000 V electrical isolation
Applications:
Eliminate ground loops
Level shifting
Line receiver
Switching power supplies
Motor control
DESCRIPTION
The 66260 is a single channel device electrically similar to the 4N48. This product has been designed to be more tolerant to
proton radiation. The 66260 optocoupler is packaged in a hermetically sealed 6 pin gull wing package. This device can be
supplied to customer specifications as well as tested and screened to the requirements of MIL-PRF-19500 up to space
(JANS) level.
ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage.......................................................................................................................................................... 1 kV
Emitter-Base Voltage............................................................................................................................................................... 7 V
Collector-Emitter Voltage (Value applies to emitter-base open-circuited & the input-diode equal to zero) ........................ 60 V
Collector-Base Voltage .......................................................................................................................................................... 60 V
Reverse Input Voltage ............................................................................................................................................................ 7 V
Input Diode Continuous Forward Current at (or below) 25°C Free-Air Temperature (see note 1) .................................. 50 mA
Peak Forward Input Current (Value applies for tw
1s, PRR < 300 pps) ............................................................................ 1 A
Continuous Collector Current .............................................................................................................................................50 mA
Continuous Transistor Power Dissipation at (or below) 25
C Free-Air Temperature (see Note 2)............................... 300 mW
Storage Temperature......................................................................................................................................... -65°C to +125°C
Operating Free-Air Temperature Range ............................................................................................................-55°C to +100°C
Lead Solder Temperature (10 seconds max.) .................................................................................................................. 240°C
Notes:
1.
Derate linearly to 100°C free-air temperature at the rate of 0.67 mA/°C above 25°C.
2.
Derate linearly to 100°C free-air temperature at the rate of 4 mW/°C above 25
C.
Package Dimensions
Schematic Diagram
0.350±0.010
0.195
6X 0.015±0.002
4X 0.050
0.010
0.008 MAX.
0.025
26° NOM.
0.046±0.010
0.130
ALL DIMENSIONS ARE IN INCHES UNLESS OTHERWISE NOTED.
ALL TOLERANCES ARE ±0.005 UNLESS OTHERWISE NOTED.
5 B
K 3
A - ANODE
B - BASE
C - COLLECTOR
E - EMITTER
K - CATHODE
A 1
6 E
4 C
PIN 1
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.


Similar Part No. - 66260

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662600130015 WURTH-662600130015 Datasheet
334Kb / 2P
   WR-MPC3 3.00 MM FEMALE LOW FORCE PRE-CRIMPED CABLE
More results

Similar Description - 66260

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66227 MICROPAC-66227 Datasheet
133Kb / 2P
   Base lead provided for conventional transistor biasing
66266 MICROPAC-66266 Datasheet
62Kb / 2P
   Base lead provided for conventional transistor biasing
66280 MICROPAC-66280 Datasheet
95Kb / 2P
   Base lead provided for conventional transistor biasing
66281 MICROPAC-66281 Datasheet
185Kb / 2P
   Base lead provided for conventional transistor biasing
4N47BU MICROPAC-4N47BU Datasheet
68Kb / 2P
   Base lead provided for conventional transistor biasing
66143 MICROPAC-66143 Datasheet
101Kb / 2P
   Base lead provided for conventional transistor biasing
66224 MICROPAC-66224 Datasheet
56Kb / 2P
   Base lead provided for conventional transistor biasing
66223 MICROPAC-66223 Datasheet
106Kb / 2P
   Base lead provided for conventional transistor biasing
66171 MICROPAC-66171 Datasheet
136Kb / 2P
   Base lead provided for conventional transistor biasing
66177 MICROPAC-66177 Datasheet
54Kb / 2P
   Base lead provided for conventional transistor biasing
66238 MICROPAC-66238 Datasheet
59Kb / 2P
   Base lead provided for conventional transistor biasing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com