Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9007EVAL1Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9007EVAL1Z
Description  High Current LDO with Low IQ and High PSRR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9007EVAL1Z Datasheet(HTML) 7 Page - Intersil Corporation

  ISL9007EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL9007EVAL1Z Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ISL9007
7
FN9218.3
February 11, 2014
Functional Description
The ISL9007 contains all circuitry required to implement a high
performance LDO. High performance is achieved through a
circuit that delivers fast transient response to varying load
conditions. In a quiescent condition, the ISL9007 adjusts its
biasing to achieve the lowest standby current consumption.
The device also integrates current limit protection, smart thermal
shutdown protection, and soft-start. Smart thermal shutdown
protects the device against overheating. Soft-start minimize
start-up input current surges without causing excessive device
turn-on time.
Power Control
The ISL9007 has a shutdown pin (SD) to control power to the LDO
output. When SD is high, the device is in shutdown mode. In this
condition, all on-chip circuits are off, and the device draws
minimum current, typically less than 0.1µA. When the SD pin
goes low, the device first polls the output of the UVLO detector to
ensure that the VIN voltage is at least 2.1V (typical). Once
verified, the device initiates a start-up sequence. During the
start-up sequence, trim settings are first read and latched. Then,
sequentially, the bandgap, reference voltage and current
generation circuitry turn-on. Once the references are stable, the
LDO powers up.
During operation, whenever the VIN voltage drops below about
1.84V, the ISL9007 immediately disables both LDO outputs.
When VIN rises back above 2.1V (assuming the SD pin is low),
the device re-initiates its start-up sequence and LDO operation
will resume automatically.
Reference Generation
The reference generation circuitry includes a trimmed bandgap,
a trimmed voltage reference divider, a trimmed current reference
generator, and an RC noise filter.
The bandgap generates a zero temperature coefficient (TC)
voltage for the regulator reference and other voltage references
required for current generation and over-temperature detection.
A current generator provides references required for adaptive
biasing as well as references for LDO output current limit and
thermal shutdown determination.
LDO Regulation and Programmable Output
Divider
The LDO Regulator is implemented with a high-gain operational
amplifier driving a PMOS pass transistor. The design of the
ISL9000 provides a regulator that has low quiescent current, fast
transient response, and overall stability across all operating and
load current conditions. LDO stability is guaranteed for a 1µF to
10µF output capacitor that has a tolerance better than 20% and
ESR less than 200m
Ω. The design is performance-optimized for
a 1µF capacitor. Unless limited by the application, use of an
output capacitor value above 4.7µF is not recommended as LDO
performance improvement is minimal.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30µs/V to minimize current surge. The
ISL9007 provides short-circuit protection by limiting the output
current to about 500mA.
The LDO uses an independently trimmed 1V reference as its
input. An internal resistor divider drops the LDO output voltage
down to 1V. This is compared to the 1V reference for regulation.
The resistor division ratio is programmed in the factory to one of
the following output voltages: 3.3, 2.85V, 2.8V, and 2.5V.
Overheat Detection
The bandgap outputs a proportional-to-temperature current that
is indicative of the temperature of the silicon. This current is
compared with references to determine if the device is in danger
of damage due to overheating. When the die temperature
reaches about +145°C, the LDO momentarily shuts down until
the die cools sufficiently. In the overheat condition, if the LDO
sources more than 50mA it will be shut off. Once the die
temperature falls back below about +110°C, the disabled LDO is
re-enabled and soft-start automatically takes place.


Similar Part No. - ISL9007EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9007EVAL1Z RENESAS-ISL9007EVAL1Z Datasheet
503Kb / 9P
   High Current LDO with Low IQ and High PSRR
More results

Similar Description - ISL9007EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9007 RENESAS-ISL9007 Datasheet
503Kb / 9P
   High Current LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
   High Current LDO with Low IQ and High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com