Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9008AIEFZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9008AIEFZ-T
Description  Low Noise LDO with Low IQ, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9008AIEFZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9008AIEFZ-T Datasheet HTML 3Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 4Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 9Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 10Page - Intersil Corporation ISL9008AIEFZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6300.5
June 27, 2014
Submit Document Feedback
Ultra Thin Dual Flat No-Lead Plastic Package (UTDFN)
B
D
A
E
0.15 C
2X
PIN 1
TOP VIEW
0.15 C
2X
REFERENCE
DETAIL A
0.10 C
0.08 C
6X
A3
C
SEATING
PLANE
L
e
46
31
BOTTOM VIEW
SIDE VIEW
0.10
CAB
b6X
DETAIL A
0.127 +0.058
A1
A1
A
0.127±0.008
64
13
M
CO.2
1.00 REF
D2
DAP SIZE 1.30 x 0.76
E2
-0.008
TERMINAL THICKNESS
0.30
1.00
0.45
0.50
0.25
1.25
2.00
1.00
LAND PATTERN
6
L6.1.6x1.6A
6 LEAD ULTRA THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
-
D
1.55
1.60
1.65
4
D2
0.40
0.45
0.50
-
E
1.55
1.60
1.65
4
E2
0.95
1.00
1.05
-
e
0.50 BSC
-
L
0.25
0.30
0.35
-
Rev. 1 6/06
NOTES:
1. Dimensions are in mm. Angles in degrees.
2. Coplanarity applies to the exposed pad as well as the terminals.
Coplanarity shall not exceed 0.08mm.
3. Warpage shall not exceed 0.10mm.
4. Package length/package width are considered as special
characteristics.
5. JEDEC Reference MO-229.
6. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.
ISL9008A


Similar Part No. - ISL9008AIEFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008AIEFZ-T INTERSIL-ISL9008AIEFZ-T Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
logo
Renesas Technology Corp
ISL9008AIEFZ-T RENESAS-ISL9008AIEFZ-T Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results

Similar Description - ISL9008AIEFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com