Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRJMZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9000AIRJMZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000AIRJMZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9000AIRJMZ Datasheet HTML 1Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 2Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 3Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 4Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 5Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 6Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 7Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 8Page - Intersil Corporation ISL9000AIRJMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000A
ISL9000A is a high performance dual LDO capable of sourcing
300mA current from each output. It has a low standby current
and very high PSRR and is stable with output capacitance of
1µF to 10µF with ESR of up to 200m
Ω.
The device integrates an individual Power-On-Reset (POR)
function for each output. The POR delay for VO2 can be
externally programmed by connecting a timing capacitor to the
CPOR pin. The POR delay for VO1 is internally fixed at
approximately 2ms. A reference bypass pin is also provided for
connecting a noise filtering capacitor for low noise and high-
PSRR applications.
The quiescent current is typically only 42µA with both LDO’s
enabled and active. Separate enable pins control each
individual LDO output. When both enable pins are low, the
device is in shutdown, typically drawing less than 0.1µA.
Several combinations of voltage outputs are standard. Output
voltage options for each LDO range from 1.5V to 3.3V. Other
output voltage options may be available upon request.
Features
• Integrates two 300mA high performance LDOs
• Excellent transient response to large current steps
• ±1.8% accuracy over all operating conditions
• Excellent load regulation: < 0.1% voltage change across full
range of load current
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Very high PSRR: 90dB @ 1kHz
• Extremely low quiescent current: 42µA (both LDOs active)
• Wide input voltage capability: 2.3V to 6.5V
• Low dropout voltage: typically 200mV @ 300mA
• Stable with 1µF to 10µF ceramic capacitors
• Separate enable and POR pins for each LDO
• Soft-start and staged turn-on to limit input current surge
during enable
• Current limit and overheat protection
• Tiny 10 Ld 3mmx3mm DFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handheld
FIGURE 1. TYPICAL APPLICATION
C1, C4, C5: 1µF X5R CERAMIC CAPACITOR
C2: 0.1µF X7R CERAMIC CAPACITOR
ISL9000A
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR2
POR1
GND
10
9
8
7
6
1
2
3
4
5
VIN (2.3 TO 6.5V)
ENABLE1
ENABLE2
VO1
VO2
RESET1
RESET2
C1
C2
C3
C4
C5
C3: 0.01µF X7R CERAMIC CAPACITOR
OFF
ON
OFF
ON
(200ms DELAY,
C3 = 0.01µF)
(2ms DELAY)
VO2 TOO LOW
VO2 OK
VO1 TOO LOW
VOUT1 OK
March 26, 2014
FN6391.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2007, 2008, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9000AIRJMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRJMZ INTERSIL-ISL9000AIRJMZ Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Renesas Technology Corp
ISL9000AIRJMZ RENESAS-ISL9000AIRJMZ Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL9000AIRJMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com