Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR105 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SR105
Description  1 Amp Schottky Barrier Rectifier 50 - 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR105 Datasheet(HTML) 3 Page - Micro Commercial Components

  SR105 Datasheet HTML 1Page - Micro Commercial Components SR105 Datasheet HTML 2Page - Micro Commercial Components SR105 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SR105 thru SR1010
1
100
4
0
5
10
15
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
MilliAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
TJ=25
°C
4
6
10
140
TJ=75
°C
TJ=125
°C
www.mccsemi.com
MCC


Similar Part No. - SR105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR105 MOSPEC-SR105 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR105 LUGUANG-SR105 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR105 JGD-SR105 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Lumins Inc.
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
   Cast aluminum ballast housing.
logo
Diodes Incorporated
SR105 DIODES-SR105 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR105

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR105 MCC-SR105_13 Datasheet
242Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
logo
Daya Electric Group Co....
FR101 DAYA-FR101 Datasheet
83Kb / 3P
   1 Amp Schottky Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
SR502 MCC-SR502_11 Datasheet
216Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR3010-TP MCC-SR3010-TP Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_11 Datasheet
387Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_13 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com