Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRPPZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9000AIRPPZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000AIRPPZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9000AIRPPZ Datasheet HTML 2Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 3Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 4Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 5Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 6Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 7Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 8Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 9Page - Intersil Corporation ISL9000AIRPPZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL9000A
6
FN6391.2
March 26, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7.1V
VO1, VO2 Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
Thermal Resistance (Notes 4, 5)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 DFN Package . . . . . . . . . . . . . . .
52.8
11
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows: TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF; CBYP = 0.01µF;
CPOR = 0.01µF. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8)
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
25
32
µA
IDD2
Both LDO active
42
52
µA
Shutdown Current
IDDS
@ +25°C
0.1
1.0
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Initial accuracy at VIN = VO + 0.5V, IO = 10mA, TJ = +25°C
-0.7
+0.7
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = -40°C to +125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
300
mA
Internal Current Limit
ILIM
350
475
600
mA
Dropout Voltage (Note 7)
VDO1
IO = 300mA; VO < 2.5V
300
500
mV
VDO2
IO = 300mA; 2.5V ≤ VO ≤ 2.8V
250
400
mV
VDO3
IO = 300mA; VO > 2.8V
200
325
mV
Thermal Shutdown
Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection (Note 6)
IO = 10mA, VIN = 2.8V(min), VO = 1.8V, CBYP = 0.1µF
@ 1kHz
90
dB
@ 10kHz
70
dB
@ 100kHz
50
dB
Output Noise Voltage (Note 6)
IO = 100µA, VO = 1.5V, TA = +25°C, CBYP = 0.1µF
BW = 10Hz to 100kHz
30
µVRMS


Similar Part No. - ISL9000AIRPPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRPPZ INTERSIL-ISL9000AIRPPZ Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL9000AIRPPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com