Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021IIYZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9021IIYZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IIYZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9021IIYZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 9Page - Intersil Corporation ISL9021IIYZ-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6867.2
January 14, 2010
Functional Description
The ISL9021 is a high performance low-dropout regulator
(LDO) with 250mA sourcing capability. The extra low ground
current makes this part a good choice for handheld product
applications. The device also incorporates overcurrent,
thermal shutdown, reverse current protections, and soft-start
features.
Thermal shutdown protects the device against overheating.
Soft-start limits the start-up input current surges. In some
applications, the output voltage may be externally pulled
higher than input, or the input voltage could be connected to
ground, or connected to some voltage lower than the output
side. The ISL9021 features reverse current protection; that
can block the reverse current from output to input.
Enable Control
The ISL9021 has an enable pin. When EN is low, the IC is in
shutdown mode. In this condition, all on-chip circuits are off,
and the device draws minimum current, typically less than
0.1µA(typ). Driving this pin high will turn on the device.
LDO Protections
The ISL9021 offers several protection functions, making it ideal
for use in battery-powered applications.The ISL9021 provides
short-circuit protection by limiting the output current at current
limit of 260mA(min). If the short circuit lasts long enough, the
die temperature increases, and the over-temperature protection
circuit will shut down the output. When the die temperature
reaches about +145°C, thermal protection starts to work with
output being loaded with at least 50mA. Once the die
temperature drops to about +110°C, the LDO will resume
operation beginning with a soft-start.
The ISL9021’s reverse current protection is intended to
block reverse conduction if output voltage is higher than
input voltage.
Input and Output Capacitors
The ISL9021 provides a linear regulator that has low
quiescent current, fast transient response, and overall stable
operation across the recommended operating conditions. A
ceramic capacitor (X5R or X7R) with a capacitance of 1µF to
4.7µF with an ESR up to 400m
Ω is suitable for the ISL9021
to maintain its output stability. The ground connection of the
output capacitor should be routed directly to the GND pin of
the device, and also placed close to the IC. Similarly for the
input capacitor, usually a 1µF ceramic capacitor (X5R or 7R)
is suitable for most cases, but if a large, fast rising load
transient condition is expected, a higher value input
capacitor may be necessary to achieve satisfactory
performance.
Board Layout Recommendations
A good PCB layout is an important step to achieve good
performance. It is recommended to design the board with
separate ground planes for input and output, and connect
both ground planes at the GND pin of the IC. Consideration
should be taken when placing the components and routing
the trace to minimize the ground impedance, and keep the
parasitic inductance low. Usually the input/output capacitors
should be placed as close to the IC as possible with a good
ground connection.
ISL9021


Similar Part No. - ISL9021IIYZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IIYZ-T INTERSIL-ISL9021IIYZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021IIYZ-T RENESAS-ISL9021IIYZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IIYZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com