Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9307IRTAAJGZ-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9307IRTAAJGZ-T7A
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAAJGZ-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9307IRTAAJGZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAAJGZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL9307
5
FN7931.3
September 20, 2012
Absolute Maximum Ratings (Refer to Ground)
Thermal Information
SW1, SW2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.5V to 6.5V
FB1, FB2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3.6V
GNDDCD1, GNDDCD2, GNDLDO. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
All other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
ESD Ratings
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . .3.5kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 225V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . .2.2kV
Latch Up (Tested per JESD78B, Class II, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
16 Ld TQFN Package (Note 4). . . . . . . . . . . . . . . . . . . . .
40.2
Maximum Junction Temperature Range . . . . . . . . . . . . . .-40°C to +150°C
Recommended Junction Temperature Range . . . . . . . . .-40°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
VINDCD1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
VINDCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to VINDCD1
VINLDO. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to VINDCD1
DCD1 and DCD2 Output Current . . . . . . . . . . . . . . . . . . . . 0mA to 1500mA
LDO1 and LDO2 Output Current . . . . . . . . . . . . . . . . . . . . . . 0mA to 300mA
Operating Ambient Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications Unless otherwise noted, typical specifications are measured at the following conditions: TA = +25°C,
VINDCD1 = 3.6V, VINDCD2 = 3.3V. For LDO1 and LDO2, VINLDO = VOLDO + 0.5V to 5.5V with VINLDO always no higher than VINDCD1.
L1 = L2 = 1.5µH, C1 = C4 = C5 = 10µF, C2 = C6 = C7 = 1µF, IOUT = 0A for DCD1, DCD2, LDO1 and LDO2 (see Figure 1 on page 1 for more details).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
VINDCD1, VINDCD2 Voltage Range
2.5
-
5.5
V
VINDCD1, VINDCD2 Undervoltage
Lockout Threshold
VUVLO
Rising
-
2.2
2.3
V
Falling
1.9
2.1
-
V
Quiescent Supply Current on VINDCD1
IVIN1
Only DCD1 enabled; no load and no switching
on DCD1
-40
60
µA
IVIN2
Only DCD1 and LDO1 enabled; no load and no
switching on DCD1
-60
95
µA
IVIN3
Both DCD1 and DCD2 enabled; no load and no
switching on both DCD1 and DCD2
-50
75
µA
IVIN4
Only LDO1 and LDO2 enabled
-
110
130
µA
IVIN5
DCD1, DCD2, LDO1 and LDO2 enabled; no load
and no switching on both DCD1 and DCD2
-135
160
µA
Shutdown Supply Current
ISD
VINDCD1 = 5.5V; DCD1, DCD2, LDO1 and LDO2
disabled
-0.15
5
µA
Thermal Shutdown
-
155
-
°C
Thermal Shutdown Hysteresis
-30
-
°C
DCD1 AND DCD2
FB1, FB2 Regulation Voltage
VFB
0.785
0.8
0.815
V
FB1, FB2 Bias Current
IFB
FB = 0.75V
-
0.001
-
µA
Output Voltage Accuracy
VIN = VO + 0.5V to 5.5V (minimal 2.5V), 1mA
load
-3
-
+3
%
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.5V)
-
0.1
-
%/V
Maximum Output Current
1500
--
mA


Similar Part No. - ISL9307IRTAAJGZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAAJGZ-T7A RENESAS-ISL9307IRTAAJGZ-T7A Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAAJGZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com