Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9307IRTAAJLZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9307IRTAAJLZ-T
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAAJLZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9307IRTAAJLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 10Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 11Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 12Page - Intersil Corporation ISL9307IRTAAJLZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL9307
11
FN7931.3
September 20, 2012
I
FIGURE 15. DCD OUTPUT VOLTAGE vs OUTPUT CURRENT
(VOUT = 1.8V, PFM/PWM)
FIGURE 16. DCD OUTPUT VOLTAGE vs OUTPUT CURRENT
(VOUT = 1.2V, PFM/PWM)
FIGURE 17. RIPPLE REJECTION RATIO vs FREQUENCY
FIGURE 18. QUIESCENT CURRENT vs INPUT VOLTAGE
Typical Operating Conditions (Continued)
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1
10
100
1000
10000
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
OUTPUT CURRENT (mA)
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1
10
100
1000
10000
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
OUTPUT CURRENT (mA)
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
FREQUENCY (kHz)
VIN = 3.6V
VOUT = 2.6V
LOAD = 300mA
PSRR
40
42
44
46
48
50
52
54
56
58
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
VO = 1.2V
DCD1 = DCD2 = NO SWITCHING, NO LOAD
LDO1 = LDO2 = DISABLED
-40°C
+25°C
+85°C


Similar Part No. - ISL9307IRTAAJLZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAAJLZ-T RENESAS-ISL9307IRTAAJLZ-T Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJLZ-T7A RENESAS-ISL9307IRTAAJLZ-T7A Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAAJLZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com