Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUMCZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9016IRUMCZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUMCZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9016IRUMCZ-T Datasheet HTML 1Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 2Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUMCZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL9016
4
FN6832.1
May 16, 2011
Absolute Maximum Ratings
Thermal Information
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.1V
All Other Pins to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN +0.3)V
Recommended Operating Conditions
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 6.5V
Each LDO Load Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 150mA
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance
θJA (°C/W)
6 Ld µTDFN Package (Note 5) . . . . . . . . . . . . . . . . . . . .
117.5
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C; VIN = (VO + 0.5V) to 6.5V with a
minimum VIN of 1.8V; CIN = 1µF; CO = 1µF. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
1.8
6.5
V
UVLO Threshold
VUV+
1.710
1.775
V
VUV-
1.55
1.62
Input Quiescent Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
49
67
µA
IDD2
Both LDO active
80
100
µA
Shutdown Current
IDDS
@ +25°C
0.1
1.0
µA
Regulation Voltage Accuracy
VIN = VO + 0.5V to 6.5V, IO = 10µA to 150mA, TA = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 6.5V, IO = 10µA to 150mA, TA = -40°C to +85°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Each LDO, Continuous
150
mA
Internal Current Limit
ILIM
175
265
355
mA
Dropout Voltage (Note 6)
VDO1 IO = 150mA; 1.2V ≤ VO ≤ 2.1V
250
425
mV
VDO2 IO = 150mA; 2.1V ≤ VO ≤ 2.8V
200
325
mV
VDO3 IO = 150mA; 2.8V ≤ VO
120
200
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection
IO = 10mA, VIN = 3.7V(min), VO = 2.7V, TA = +25°C
@ 1kHz
80
dB
@ 10kHz
60
dB
@ 100kHz
50
dB
@ 1MHz
45
dB
Output Noise Voltage
VIN = 4.2V, IO = 10mA, TA = +25°C, BW = 10Hz to 100kHz
25
µVRMS
DEVICE START-UP CHARACTERISTICS
Device Enable Time
tEN
Time from assertion of the ENx pin to when the output voltage
reaches 95% of the VO(nom)
400
600
µs
LDO Soft-Start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
µs/V


Similar Part No. - ISL9016IRUMCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUMCZ-T INTERSIL-ISL9016IRUMCZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9016IRUMCZ-T RENESAS-ISL9016IRUMCZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUMCZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com