Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9305IRTWCNYZEV1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9305IRTWCNYZEV1Z
Description  3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTWCNYZEV1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9305IRTWCNYZEV1Z Datasheet HTML 1Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 2Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 3Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 4Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 5Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 6Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 7Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 8Page - Intersil Corporation ISL9305IRTWCNYZEV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL9305
3
FN7605.2
February 9, 2015
Submit Document Feedback
Pin Configuration
ISL9305
(16 LD 4x4 TQFN)
TOP VIEW
E-PAD
1
2
3
4
5678
9
10
11
12
13
14
15
16
SCLK
VINDCD1
DCDPG
FB2
VINDCD2
FB1
SDAT
GNDLDO
Pin Descriptions
PIN
NUMBER
(TQFN)
NAME
DESCRIPTION
1
VINDCD1
Input voltage for buck converter DCD1 and it also serves as the power supply pin for the whole internal digital/ analog
circuits.
2
FB1
Feedback pin for DCD1, connect external voltage divider resistors between DCDC1 output, this pin and ground. For
fixed output versions, connect this pin directly to the DCD1 output.
3SCLK
I2C interface clock pin.
4SDAT
I2C interface data pin.
5
VINLDO1
Input voltage for LDO1.
6
VOLDO1
Output voltage of LDO1.
7
VOLDO2
Output voltage of LDO2.
8
VINLDO2
Input voltage for LDO2.
9
GNDLDO
Power ground for LDO1 and LDO2.
10
DCDPG
The DCDPG pin is an open-drain output to indicate the state of the DCD1/DCD2 output voltages. When both DCD1
and DCD2 are enabled, the output is released to be pulled high by an external pull-up resistor if both converter
voltages are within the power-good range. The pin will be pulled low if either DCD is outside their range. When only
one DCD is enabled, the state of the enabled DCD’s output will define the state of the DCDPG pin. The DCDPG state
can be programmed for a delay of up to 200ms before being released to rise high. The programming range is
1ms~200ms through the I2C interface.
11
FB2
Feedback pin for DCD2, connect external voltage divider resistors between DCD2 output, this pin and ground. For
fixed output versions, connect this pin directly to the DCD2 output.
12
VINDCD2
Input voltage for buck converter DCD2.
13
SW2
Switching node for DCD2, connect to one terminal of the inductor.
14
GNDDCD2
Power ground for DCD2.
15
GNDDCD1
Power ground for DCD1.
16
SW1
Switching node for DCD1, connect to one terminal of the inductor.
E-pad
E-pad
Exposed Pad. Connect to system ground.


Similar Part No. - ISL9305IRTWCNYZEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9305IRTWCNYZEV1Z RENESAS-ISL9305IRTWCNYZEV1Z Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTWCNYZEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com