Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28177FBZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28177FBZ-T13
Description  40V General Purpose Precision Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28177FBZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28177FBZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL28177
2
FN7859.2
April 5, 2012
Ordering Information
PART NUMBER
(Note 2, 3)
PART MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28177FBZ
28177 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28177FBZ-T13 (Note 1)
28177 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28177FBZ-T7 (Note 1)
28177 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28177FBZ-T7A (Note 1)
28177 FBZ
-40 to +125
8 Ld SOIC
M8.15E
Coming Soon
ISL28177FHZ
TBD
-40 to +125
SOT23-5
P5.064A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28177. For more information on MSL please see techbrief TB363.
Pin Configurations
ISL28177
(8 LD SOIC)
TOP VIEW
ISL28177
(5 LD SOT-23)
TOP VIEW
Pin Descriptions
ISL28177
(8 LD SOIC)
ISL28177
(5 LD SOT-23)
PIN NAME
EQUIVALENT CIRCUIT
DESCRIPTION
3
3
IN+
Circuit 1
Amplifier non-inverting input
4
2
V-
Circuit 3
Negative power supply
2
4
IN-
Circuit 1
Amplifier inverting input
7
5
V+
Circuit 3
Positive power supply
61
VOUT
Circuit 2
Amplifier output
1, 5, 8
-
NC
-
No internal connection
NC
IN-
IN+
V -
1
2
3
4
8
7
6
5
NC
V+
VOUT
NC
+
-
OUT
V-
IN+
V+
IN-
1
2
3
5
4
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
CAPACITIVELY
COUPLED
ESD CLAMP
IN-
V+
V-
IN+
500Ω
500Ω
V+
V-
OUT


Similar Part No. - ISL28177FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177FBZ-T13 RENESAS-ISL28177FBZ-T13 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
More results

Similar Description - ISL28177FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com