Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021IRUSZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9021IRUSZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IRUSZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9021IRUSZ-T Datasheet HTML 1Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IRUSZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FN6867.2
ISL9021
250mA Single LDO with Low IQ, Low
Noise and High PSRR LDO
The ISL9021 is a single LDO providing high performance
low input voltage, high PSRR. It delivers guaranteed
continuous 250mA load current and is stable with 1µF to
4.7µF of output capacitance (±30%) with an ESR range of
5m
Ω to 400mΩ.
The input voltage range for the ISL9021 is between 1.5V to
5.5V and the output voltage comes in many fixed voltage
options with ±1.8% accuracy over temperature, line and load
ranges. Other output voltage within the range of 0.9V to 3.3V
may be available upon request. The ISL9021 has typical
PSRR of 75dB @ 10kHz and 50dB @ 1MHz.
The reverse current protection feature prevents current from
flowing back to the power source when the output voltage is
pulled higher than the input.
The ISL9021 is offered in tiny 4-bump 1.155mmx0.975mm
WLCSP and 1.6mmx1.6mm 6 Ld µTDFN packages.
Pinouts
ISL9021
(6 LD 1.6x1.6 µTDFN)
TOP VIEW
ISL9021
(4 BALL 1.155x0.975 WLCSP)
TOP VIEW
Features
• High Performance LDO with 250mA guaranteed
continuous output current
• Input Voltage Range: 1.5V to 5.5V
• Output Voltage Range: 0.9V to 3.3V
• High PSRR: 75dB @ 10kHz, 50dB @ 1MHz
• Low Quiescent Current: 35µA
• Dropout Voltage: <150mV @ 250mA
• Stable with 1µF to 4.7µF Output Capacitance (±30%) with
an ESR range of 5m
Ω to 400mΩ
• ±1.8% Output Accuracy Over-Temperature/Load/Line
• Soft-start Limits Input Current Surge During Enable
• Current Limit and Overheat Protection
• -40°C to +85°C Operating Temperature Range
• Available in 1.155mmx0.975mm 4-bump WLCSP
Package and 1.6mmx1.6mm 6 Ld µTDFN
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds
1
2
3
4
5
6
VIN
GND
NC
VO
NC
EN
VIN
EN
GND
VOUT
A1
B1
A2
B2
Datasheet
January 14, 2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
NOT
RECO
MME
NDED
FOR
NEW
DESI
GNS
RECO
MME
NDED
REPL
ACEM
ENT
PART
ISL90
21A


Similar Part No. - ISL9021IRUSZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IRUSZ-T INTERSIL-ISL9021IRUSZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021IRUSZ-T RENESAS-ISL9021IRUSZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IRUSZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com