Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28208FBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28208FBZ
Description  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28208FBZ Datasheet HTML 1Page - Intersil Corporation ISL28208FBZ Datasheet HTML 2Page - Intersil Corporation ISL28208FBZ Datasheet HTML 3Page - Intersil Corporation ISL28208FBZ Datasheet HTML 4Page - Intersil Corporation ISL28208FBZ Datasheet HTML 5Page - Intersil Corporation ISL28208FBZ Datasheet HTML 6Page - Intersil Corporation ISL28208FBZ Datasheet HTML 7Page - Intersil Corporation ISL28208FBZ Datasheet HTML 8Page - Intersil Corporation ISL28208FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISL28108, ISL28208, ISL28408
5
FN6935.5
March 4, 2014
Submit Document Feedback
Pin Descriptions
ISL28108
(8 Ld SOIC, MSOP, TDFN)
ISL28208
(8 Ld SOIC, MSOP, TDFN)
ISL28408
(14 Ld SOIC)
PIN
NAME
EQUIVALENT CIRCUIT
DESCRIPTION
3
-
-
+IN
Circuit 1
Amplifier non-inverting input
-3
3
+IN_A
-5
5
+IN_B
-
-
10
+IN_C
-
-
12
+IN_D
4
4
11
V-
Circuit 3
Negative power supply
2
-
-
-IN
Circuit 1
Amplifier inverting input
-2
2
-IN_A
-6
6
-IN_B
--
9
-IN_C
--
13
-IN_D
7
8
4
V+
Circuit 3
Positive power supply
6-
-
VOUT
Circuit 2
Amplifier output
-1
1
VOUT_A
-7
7
VOUT_B
--
8
VOUT_C
--
14
VOUT_D
1, 5, 8
-
-
NC
-
No internal connection
PAD
PAD
-
PAD
-
Thermal Pad - TDFN package only.
Connect thermal pad to ground or most
negative potential.
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
CAPACITIVELY
TRIGGERED
ESD CLAMP
IN-
V+
V-
IN+
V+
V-
OUT


Similar Part No. - ISL28208FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28208FBZ RENESAS-ISL28208FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Similar Description - ISL28208FBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com