Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9307IRTAAJBEV1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9307IRTAAJBEV1Z
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAAJBEV1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9307IRTAAJBEV1Z Datasheet HTML 1Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 2Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 3Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 4Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAAJBEV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL9307
3
FN7931.3
September 20, 2012
Pin Configuration
ISL9307
(16 LD 4X4 TQFN)
TOP VIEW
12
11
10
9
1
2
3
4
VINDCD1
FB1
ENDCD1
ENLDO1
VINDCD2
FB2
ENDCD2
GNDLDO
E-PAD
Pin Descriptions
PIN
NUMBER
(TQFN)
NAME
DESCRIPTION
1
VINDCD1
Input voltage for buck converter DCD1 and power supply pin for all internal digital/ analog circuits.
2
FB1
Feedback pin for DCD1; connect external voltage divider resistors between DCDC1 output, this pin, and ground. For
fixed output versions, connect this pin directly to the DCD1 output.
3
ENDCD1
Enable pin for DCD1. Tie high or low. Do not float.
4
ENLDO1
Enable pin for LDO1. Tie high or low. Do not float.
5
VINLDO
Input voltage for LDO1 and LDO2
6
VOLDO1
Output voltage of LDO1
7
VOLDO2
Output voltage of LDO2
8
ENLDO2
Enable pin for LDO2. Tie high or low. Do not float.
9
GNDLDO
Power ground for LDO1 and LDO2
10
ENDCD2
Enable pin for DCD2. Tie high or low. Do not float.
11
FB2
Feedback pin for DCD2; connect external voltage divider resistors between DCD2 output, this pin, and ground. For
fixed output versions, connect this pin directly to the DCD2 output.
12
VINDCD2
Input voltage for buck converter DCD2
13
SW2
Switching node for DCD2; connect to one terminal of the inductor.
14
GNDDCD2
Power ground for DCD2
15
GNDDCD1
Power ground for DCD1
16
SW1
Switching node for DCD1; connect to one terminal of the inductor.
E-pad
E-pad
Exposed pad; connect to system ground.


Similar Part No. - ISL9307IRTAAJBEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAAJBEV1Z RENESAS-ISL9307IRTAAJBEV1Z Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAAJBEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com