Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0222C1E5R4DDAE Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0222C1E5R4DDAE
Description  Capacitance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0222C1E5R4DDAE Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0222C1E5R4DDAE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0222C1E5R4DDAE#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0222C1E5R4DDAEL
Shape
L size
0.4 ±0.02mm
W size
0.2 ±0.02mm
T size
0.2 ±0.02mm
External terminal width e
0.07 to 0.14mm
Distance between external terminals g
0.13mm min.
Size code in inch(mm)
01005 (0402)
Specifications
Capacitance
5.4pF ±0.5pF
Rated voltage
25Vdc
Temperature characteristics (complied standard)
CH(JIS)
Temperature coefficient
0±60ppm/℃
Temperature range of temperature characteristics
20 to 125℃
Operating temperature range
-55 to 125℃
Notes
Volt. & temp. derating recommended product
References
Packaging
Specifications
Minimum quantity
φ180mm Embossed taping
40000
Mass (typ.)
1 piece
0.09mg
φ180mm Reel
117g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/10/01


Similar Part No. - GRM0222C1E5R4DDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1E5R4DA03 MURATA-GRM0222C1E5R4DA03 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM0222C1E5R4DA03 MURATA1-GRM0222C1E5R4DA03 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Apr.16,2021
GRM0222C1E5R4DA03 MURATA1-GRM0222C1E5R4DA03_V01 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Apr.16,2021
More results

Similar Description - GRM0222C1E5R4DDAE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0112C1E8R8BE01 MURATA-GRM0112C1E8R8BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R1BE01 MURATA-GRM0112C1E9R1BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R1CE01 MURATA-GRM0112C1E9R1CE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R2CE01 MURATA-GRM0112C1E9R2CE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R3BE01 MURATA-GRM0112C1E9R3BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R5BE01 MURATA-GRM0112C1E9R5BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1E9R5CE01 MURATA-GRM0112C1E9R5CE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1ER20BE01 MURATA-GRM0112C1ER20BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1ER30CE01 MURATA-GRM0112C1ER30CE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1ER50BE01 MURATA-GRM0112C1ER50BE01 Datasheet
48Kb / 1P
   Capacitance
GRM0112C1ER60CE01 MURATA-GRM0112C1ER60CE01 Datasheet
48Kb / 1P
   Capacitance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com