Electronic Components Datasheet Search |
|
SPB-37120W-1510G Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPB-37120W-1510G Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 6 page Optoway SPB-37120W-1510G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V3.0 1 SPB-37120W-1510G / SPB-37120BW-1510G / SPB-37120AW-1510G (SC) (RoHS Compliant) SPB-37120LW-1510G / SPB-37120BLW-1510G / SPB-37120ALW-1510G (LC) 1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver ********************************************************************************************************************************************************************** FEATURES l 1-Fiber Bi-Directional SFP Optical Transceiver l Compliant with IEEE 802.3ah-2004 100BASE-BX l Simplex SC Connector: SPB-37120W-1510G l Simplex LC Connector: SPB-37120LW-1510G l SFF-8472 Digital Diagnostic Function l 1510 nm DFB LD Transmitter l 1590 nm Receiver l Distance Up to 120 km l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operating : SPB-37120W-1510G l -10 to 85oC Operating : SPB-37120BW-1510G l -40 to 85oC Operating : SPB-37120AW-1510G l Class 1 Laser International Safety Standard IEC 60825 Compliant APPLICATIONS l WDM Fast Ethernet Links l SONET/SDH Equipment Interconnect l Fibre Channel Links DESCRIPTION The SPB-37120W-1510G series is small form factor pluggable module for IEEE 802.3ah 100BASE-BX and OC-3/STM-1 SONET/SDH single fiber communications by using 1510 nm transmitter and 1590 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I 2C. The transmitter section uses a multiple quantum well 1510 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1590 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Mb/s) Distance (km) TX (nm) RX (nm) Package Temp ( oC) TX Power (dBm) RX Sens. (dBm) RoHS Compliant SPB-37120W-1510G 125/155 120 1510 DFB 1590 SC SFP with DMI 0 to 70 3 to -2 -34 Yes SPB-37120BW-1510G 125/155 120 1510 DFB 1590 SC SFP with DMI -10 to 85 3 to -2 -34 Yes SPB-37120AW-1510G 125/155 120 1510 DFB 1590 SC SFP with DMI -40 to 85 3 to -2 -34 Yes SPB-37120LW-1510G 125/155 120 1510 DFB 1590 LC SFP with DMI 0 to 70 3 to -2 -34 Yes SPB-37120BLW-1510G 125/155 120 1510 DFB 1590 LC SFP with DMI -10 to 85 3 to -2 -34 Yes SPB-37120ALW-1510G 125/155 120 1510 DFB 1590 LC SFP with DMI -40 to 85 3 to -2 -34 Yes |
Similar Part No. - SPB-37120W-1510G_15 |
|
Similar Description - SPB-37120W-1510G_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |