Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA03-11SYKWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SA03-11SYKWA
Description  Excellent character appearance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA03-11SYKWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SA03-11SYKWA Datasheet HTML 1Page - Kingbright Corporation SA03-11SYKWA Datasheet HTML 2Page - Kingbright Corporation SA03-11SYKWA Datasheet HTML 3Page - Kingbright Corporation SA03-11SYKWA Datasheet HTML 4Page - Kingbright Corporation SA03-11SYKWA Datasheet HTML 5Page - Kingbright Corporation SA03-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAM8392
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301002949
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
Super Bright Yellow (AlGaInP)
White Diffused
52000
100000
Common Anode,
Rt. Hand Decimal.
*14000 *30000
SA03-11SYKWA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Yellow
590
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Yellow
20
nm
IF=20mA
C
Capacitance
Super Bright Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Yellow
2.0
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR=5V
Parameter
Super Bright Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
175
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - SA03-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA03-11SRWA KINGBRIGHT-SA03-11SRWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11SRWA KINGBRIGHT-SA03-11SRWA Datasheet
182Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11SURKWA KINGBRIGHT-SA03-11SURKWA Datasheet
371Kb / 6P
   Excellent character appearance
More results

Similar Description - SA03-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACDA56-51SURKWA KINGBRIGHT-ACDA56-51SURKWA Datasheet
270Kb / 5P
   Excellent character appearance
ACSA56-51CGKWA KINGBRIGHT-ACSA56-51CGKWA Datasheet
217Kb / 5P
   Excellent character appearance
ACSA56-51SYKWA KINGBRIGHT-ACSA56-51SYKWA Datasheet
216Kb / 5P
   Excellent character appearance
logo
BetLux Electronics
BL-D30A-22 BETLUX-BL-D30A-22 Datasheet
312Kb / 5P
   Excellent character appearance
logo
Kingbright Corporation
SA03-11SURKWA KINGBRIGHT-SA03-11SURKWA Datasheet
371Kb / 6P
   Excellent character appearance
ACDA56-51SYKWA KINGBRIGHT-ACDA56-51SYKWA Datasheet
240Kb / 5P
   Excellent character appearance
logo
BetLux Electronics
BL-D30C-21 BETLUX-BL-D30C-21 Datasheet
316Kb / 5P
   Excellent character appearance
logo
Kingbright Corporation
ACSA56-51SURKWA KINGBRIGHT-ACSA56-51SURKWA Datasheet
218Kb / 5P
   Excellent character appearance
ACDC56-41ZGKWA-F01 KINGBRIGHT-ACDC56-41ZGKWA-F01 Datasheet
223Kb / 5P
   Excellent character appearance
logo
Lite-On Technology Corp...
LTC-5837G LITEON-LTC-5837G Datasheet
149Kb / 5P
   EXCELLENT CHARACTERS APPEARANCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com