Electronic Components Datasheet Search |
|
EL5220TIYZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation |
|
EL5220TIYZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 15 page EL5220T 3 FN6892.0 May 4, 2010 IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage between VS+ and VS-. . . . . . . . . . . .+19.8V Input Voltage Range (VINx+, VINx-) . . . VS- - 0.5V, VS+ + 0.5V Input Differential Voltage (VINx+ - VINx-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VS+ + 0.5V)-(VS- - 0.5V) Maximum Continuous Output Current . . . . . . . . . . .±65mA ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 3000V Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld MSOP (Notes 6, 7) . . . . . . . . 170 60 8 Ld DFN (Notes 4, 5). . . . . . . . . . 58 8 Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C Ambient Operating Temperature . . . . . . . . . -40°C to +85°C Maximum Junction Temperature . . . . . . . . . . . . . . . +150°C Power Dissipation . . . . . . . . . . . . . . .See Figures 32 and 33 Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. 6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 7. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VS+ = +5V, VS- = -5V, RL = 10kΩ to 0V, TA = +25°C, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT INPUT CHARACTERISTICS VOS Input Offset Voltage VCM = 0V 3 18 mV TCVOS Average Offset Voltage Drift (Note 8) 8 Ld MSOP package 5 μV/°C 8 Ld DFN package 3 μV/°C IB Input Bias Current VCM = 0V 2 50 nA RIN Input Impedance 1GΩ CIN Input Capacitance 2pF CMIR Common-Mode Input Range -5.5 +5.5 V CMRR Common-Mode Rejection Ratio For VINx from -5.5V to +5.5V 50 75 dB AVOL Open Loop Gain -4.5V ≤ VOUTx ≤ +4.5V 75 105 dB OUTPUT CHARACTERISTICS VOL Output Swing Low IL = -5mA -4.94 -4.85 V VOH Output Swing High IL = +5mA 4.85 4.94 V ISC Short Circuit Current VCM = 0V, Source: VOUTx short to VS-, Sink: VOUTx short to VS+ ±200 mA IOUT Output Current ±65 mA POWER SUPPLY PERFORMANCE (VS+) - (VS-) Supply Voltage Range 4.5 19 V IS Supply Current (Per Amplifier) VCM = 0V, No load 550 750 μA PSRR Power Supply Rejection Ratio Supply is moved from ±2.25V to ±9.5V 60 75 dB |
Similar Part No. - EL5220TIYZ-T13 |
|
Similar Description - EL5220TIYZ-T13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |