Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411IREZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5411IREZ
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411IREZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5411IREZ Datasheet HTML 5Page - Intersil Corporation EL5411IREZ Datasheet HTML 6Page - Intersil Corporation EL5411IREZ Datasheet HTML 7Page - Intersil Corporation EL5411IREZ Datasheet HTML 8Page - Intersil Corporation EL5411IREZ Datasheet HTML 9Page - Intersil Corporation EL5411IREZ Datasheet HTML 10Page - Intersil Corporation EL5411IREZ Datasheet HTML 11Page - Intersil Corporation EL5411IREZ Datasheet HTML 12Page - Intersil Corporation EL5411IREZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN7119.8
August 27, 2015
FIGURE 19. CMRR
FIGURE 20. PSRR
FIGURE 21. INPUT VOLTAGE NOISE SPECTRAL DENSITY
FIGURE 22. CHANNEL SEPARATION
FIGURE 23. SMALL-SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 24. SETTLING TIME vs STEP SIZE
Typical Performance Curves (Continued)
-15
FREQUENCY (Hz)
-45
-65
1k
10k
100M
1M
10M
-55
100k
-25
-35
0
-80
-60
-40
-20
PSRR+
FREQUENCY (Hz)
100
1k
10M
100k
1M
10k
PSRR-
VS = ±5V
TA = +25°C
10
100
FREQUENCY (Hz)
1
1K
100
1k
100M
1M
10M
100k
10k
-60
-160
-120
-100
-80
DUAL MEASURED CH A TO B
QUAD MEASURED CH A TO D OR B TO C
OTHER COMBINATIONS YIELD
IMPROVED REJECTION
VS = ±5V
RL = 1k
AV = 1
VIN = 110mVRMS
-140
FREQUENCY (Hz)
1k
10k
10M 30M
1M
100k
LOAD CAPACITANCE (pF)
VS = ±5V
AV = 1
RL = 1k
VIN = ±50mV
TA = +25°C
10
1k
100
100
0
40
60
80
20
-4
4
SETTLING TIME (ns)
-5
5
0
2
-2
65
55
75
105
95
VS = ±5V
AV = 1
RL = 1k
85
3
-1
1
-3
0.1%
0.1%
EL5111, EL5211, EL5411


Similar Part No. - EL5411IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411IREZ INTERSIL-EL5411IREZ Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5411IREZ INTERSIL-EL5411IREZ Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5411IREZ RENESAS-EL5411IREZ Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5411IREZ-T13 INTERSIL-EL5411IREZ-T13 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5411IREZ-T13 INTERSIL-EL5411IREZ-T13 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5411IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com