Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5420CSZ Datasheet HTML 1Page - Intersil Corporation EL5420CSZ Datasheet HTML 2Page - Intersil Corporation EL5420CSZ Datasheet HTML 3Page - Intersil Corporation EL5420CSZ Datasheet HTML 4Page - Intersil Corporation EL5420CSZ Datasheet HTML 5Page - Intersil Corporation EL5420CSZ Datasheet HTML 6Page - Intersil Corporation EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FN7186.8
EL5120, EL5220, EL5420
12MHz Rail-to-Rail Input-Output Op Amps
The EL5120, EL5220, and EL5420 are low power, high
voltage, rail-to-rail input-output amplifiers. The EL5120
contains a single amplifier, the EL5220 contains two
amplifiers, and the EL5420 contains four amplifiers.
Operating on supplies ranging from 5V to 15V, while
consuming only 500µA per amplifier, the EL5120, EL5220,
and EL5420 have a bandwidth of 12MHz (-3dB). They also
provide common mode input ability beyond the supply rails,
as well as rail-to-rail output capability. This enables these
amplifiers to offer maximum dynamic range at any supply
voltage.
The EL5120, EL5220, and EL5420 also feature fast slewing
and settling times, as well as a high output drive capability of
30mA (sink and source). These features make these
amplifiers ideal for use as voltage reference buffers in Thin
Film Transistor Liquid Crystal Displays (TFT-LCD). Other
applications include battery power, portable devices, and
anywhere low power consumption is important.
The EL5420 is available in the space-saving 14 Ld TSSOP
package, the industry-standard 14 Ld SOIC package, as well
as the 16 Ld QFN package. The EL5220 is available in the
8 Ld MSOP package and the 8Ld DFN package. The
EL5120 is available in the 5 Ld TSOT package. All feature a
standard operational amplifier pin out. These amplifiers are
specified for operation with an ambient and junction
temperature range of -40°C to +125°C.
Features
• 12MHz -3dB Bandwidth
• Supply Voltage = 4.5V to 16.5V
• Low Supply Current (per Amplifier) = 500µA
• High Slew Rate = 10V/µs
• Unity-Gain Stable
• Beyond the Rails Input Capability
• Rail-to-Rail Output Swing
• Ultra-Small Package
• Pb-Free Available (RoHS Compliant)
Applications
• TFT-LCD Drive Circuits
• Electronics Notebooks
• Electronics Games
• Touch-Screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer
Data Sheet
October 15, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas LLC.
Copyright Intersil Americas LLC 2004, 2005, 2007-2009, 2011, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5420CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CSZ INTERSIL-EL5420CSZ Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5420CSZ RENESAS-EL5420CSZ Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CSZ-T13 INTERSIL-EL5420CSZ-T13 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5420CSZ-T13 RENESAS-EL5420CSZ-T13 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CSZ-T7 INTERSIL-EL5420CSZ-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com