Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5420CSZ-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5420CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN7186.8
October 15, 2015
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 14. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 15. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 16. CMRR vs FREQUENCY
FIGURE 17. PSRR vs FREQUENCY
FIGURE 18. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
Typical Performance Curves (Continued)
1M
100M
FREQUENCY (Hz)
10M
100k
0
10
-30
20
-20
-10
RL = 10k
AV = 1
VS = ±5V
12pF
50pF
100pF
1000pF
FREQUENCY (Hz)
10k
100k
0
40
80
120
200
1M
160
10M
AV = 1
VS = ±5V
TA = +25°C
FREQUENCY (Hz)
10k
100k
0
2
4
12
1M
6
10M
8
10
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
Distortion <1%
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
1k
VS = ±5V
TA = +25°C
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
VS = ±5V
TA = +25°C
1k
PSRR+
PSRR-
100
100k
100M
10
100
FREQUENCY (Hz)
1
10M
1k
10k
1M
600
EL5120, EL5220, EL5420


Similar Part No. - EL5420CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CSZ-T7 INTERSIL-EL5420CSZ-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5420CSZ-T7 RENESAS-EL5420CSZ-T7 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com