Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IY Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7516IY
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IY Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7516IY Datasheet HTML 3Page - Intersil Corporation EL7516IY Datasheet HTML 4Page - Intersil Corporation EL7516IY Datasheet HTML 5Page - Intersil Corporation EL7516IY Datasheet HTML 6Page - Intersil Corporation EL7516IY Datasheet HTML 7Page - Intersil Corporation EL7516IY Datasheet HTML 8Page - Intersil Corporation EL7516IY Datasheet HTML 9Page - Intersil Corporation EL7516IY Datasheet HTML 10Page - Intersil Corporation EL7516IY Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7333.6
October 9, 2007
FIGURE 19. EFFICIENCY vs IOUT
FIGURE 20. FREQUENCY (1.2MHz) vs VIN
FIGURE 21. FREQUENCY (600kHz) vs VIN
FIGURE 22. EFFICIENCY - 5V VIN TO 9V VOUT @ 600kHz
FIGURE 23. LOAD REGULATION - 5V VIN TO 9V VOUT
@ 600kHz
FIGURE 24. TRANSIENT REPONSE - 600kHz
Typical Performance Curves (Continued)
0
600
1.2k
94
76
IOUT (mA)
82
1k
200
1.2MHz
600kHz
84
800
400
92
88
78
80
90
86
2.5
4
5.5
1.29
1.2
VIN (V)
1.23
5
3
1.24
4.5
3.5
1.28
1.26
1.21
1.22
1.27
1.25
2.5
4
5.5
670
600
VIN (V)
630
5
3
640
4.5
3.5
610
620
660
650
0
400
1k
93
81
IOUT (mA)
87
800
89
600
200
83
85
91
0
400
1k
0.4
-0.4
IOUT (mA)
800
-0.2
600
200
0.2
0
VIN = 3.3V
VOUT = 12V
IOUT = 50mA TO 300mA
0.1ms/DIV
200mV/DIV
EL7516


Similar Part No. - EL7516IY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IY IRF-EL7516IY Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516IY RENESAS-EL7516IY Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com