Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CR Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5420CR
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5420CR Datasheet HTML 7Page - Intersil Corporation EL5420CR Datasheet HTML 8Page - Intersil Corporation EL5420CR Datasheet HTML 9Page - Intersil Corporation EL5420CR Datasheet HTML 10Page - Intersil Corporation EL5420CR Datasheet HTML 11Page - Intersil Corporation EL5420CR Datasheet HTML 12Page - Intersil Corporation EL5420CR Datasheet HTML 13Page - Intersil Corporation EL5420CR Datasheet HTML 14Page - Intersil Corporation EL5420CR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN7186.8
October 15, 2015
Pin Descriptions
EL5120
EL5220
EL5420
PIN NAME
PIN FUNCTION
EQUIVALENT CIRCUIT
5 LD
TSOT
8 LD MSOP,
8 LD DFN
14 LD TSSOP,
14 LD SOIC
16 LD
QFN
13, 16
NC
No Connect
IN+
Amplifier Non-Inverting Input
(Reference Circuit 1)
IN-
Amplifier Inverting Input
(Reference Circuit 1)
OUT
Amplifier Output
(Reference Circuit 2)
3
VIN+
Amplifier Non-Inverting Input
(Reference Circuit 1)
4
VIN-
Amplifier Inverting Input
(Reference Circuit 1)
1
VOUT
Amplifier Output
(Reference Circuit 2)
1
1
15
VOUTA
Amplifier A Output
(Reference Circuit 2)
2
2
1
VINA-
Amplifier A Inverting Input
(Reference Circuit 1)
3
3
2
VINA+
Amplifier A Non-Inverting Input
(Reference Circuit 1)
5
8
4
3
VS+
Positive Power Supply
5
5
4
VINB+
Amplifier B Non-Inverting Input
(Reference Circuit 1)
6
6
5
VINB-
Amplifier B Inverting Input
(Reference Circuit 1)
7
7
6
VOUTB
Amplifier B Output
(Reference Circuit 2)
8
7
VOUTC
Amplifier C Output
(Reference Circuit 2)
9
8
VINC-
Amplifier C Inverting Input
(Reference Circuit 1)
10
9
VINC+
Amplifier C Non-Inverting Input
(Reference Circuit 1)
2
4
11
10
VS-
Negative Power Supply
12
11
VIND+
Amplifier D Non-Inverting Input
(Reference Circuit 1)
13
12
VIND-
Amplifier D Inverting Input
(Reference Circuit 1)
14
14
VOUTD
Amplifier D Output
(Reference Circuit 2)
VS+
VS-
VS+
GND
VS-
CIRCUIT 1
CIRCUIT 2
EL5120, EL5220, EL5420


Similar Part No. - EL5420CR

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5420CR ELANTEC-EL5420CR Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CR INTERSIL-EL5420CR Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5420CR RENESAS-EL5420CR Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5420CR-T13 ELANTEC-EL5420CR-T13 Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CR-T13 INTERSIL-EL5420CR-T13 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CR

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com