Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1539AIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL1539AIRZ
Description  Dual Port VDSL2 Line Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539AIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL1539AIRZ Datasheet HTML 3Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 4Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 5Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 6Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 7Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 8Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 9Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 10Page - Intersil Corporation ISL1539AIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN6916.0
September 23, 2009
Typical Performance Curves
VCC = ±12V, RF = 3.2kΩ, GD = 10V/V (differential), RLOAD = 100Ω, TA ≈ +25°C, C0 = C1 = IADJ = 0V (full power),
unless otherwise noted.
FIGURE 1. SMALL SIGNAL FREQUENCY RESPONSE vs
GAIN
FIGURE 2. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 3. 1MHz HARMONIC DISTORTION vs
OUTPUT SWING
FIGURE 4. 4MHz HARMONIC DISTORTION vs
OUTPUT SWING
FIGURE 5. 17MHz DMT PROFILE
FIGURE 6. 4MHz HARMONIC DISTORTION vs LOAD
-12
-9
-6
-3
0
3
6
9
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 40
AV = 20
AV = 10
VO = 0.5VP-P
AV = 10, RF = 3.2kΩ
AV = 20, RF = 2.5kΩ
AV = 40, RF = 2.4kΩ
2VP-P
2VP-P
20VP-P
5VP-P
0.5VP-P
10VP-P
3rd HD
2nd HD
THD
3rd HD
2nd HD
THD
-80
-70
-60
-50
-40
-30
-20
-10
0
7.995M
8.000M
8.005M
FREQUENCY (Hz)
-64dBc
PAR = 5.4
14.5dBm ON LINE
10
20
FIGURE 45 CIRCUIT
2nd HD
3rd HD
THD
ISL1539A


Similar Part No. - ISL1539AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1539A RENESAS-ISL1539A Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Similar Description - ISL1539AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com