Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28227FUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28227FUZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28227FUZ Datasheet HTML 2Page - Intersil Corporation ISL28227FUZ Datasheet HTML 3Page - Intersil Corporation ISL28227FUZ Datasheet HTML 4Page - Intersil Corporation ISL28227FUZ Datasheet HTML 5Page - Intersil Corporation ISL28227FUZ Datasheet HTML 6Page - Intersil Corporation ISL28227FUZ Datasheet HTML 7Page - Intersil Corporation ISL28227FUZ Datasheet HTML 8Page - Intersil Corporation ISL28227FUZ Datasheet HTML 9Page - Intersil Corporation ISL28227FUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ISL28127, ISL28227
6
FN6633.7
September 10, 2015
en
Voltage Noise Density
f = 1kHz
-
2.5
-
nV/
Hz
en
Voltage Noise Density
f = 10kHz
-
2.5
-
nV/
Hz
in
Current Noise Density
f = 10kHz
-
0.4
-
pA/
Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5VRMS,
RL = 2k
-
0.00022
-
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kVO = 4VP-P
-
±3.6
-
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kRL = 2kto VCM
-
36
-
ns
Fall Time
90% to 10% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kRL = 2kto VCM
-
38
-
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P,
Rg = Rf =10k, RL = 2kto VCM
-
3.4
-
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P,
RL = 2kto VCM
-
3.8
-
µs
tOL
Output Overload Recovery Time
AV = 100, VIN = 0.2V
RL = 2kto VCM
-
1.7
-
µs
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage; SOIC Package
ISL28127
-70
10
70
µV
-120
-
120
µV
ISL28227
-75
10
75
µV
-150
-
150
µV
Offset Voltage;
MSOP Grade B Package
ISL28127
-70
-10
70
µV
-150
-
150
µV
Offset Voltage;
TDFN Grade B Package
ISL28127
-75
-10
75
µV
-160
-
160
µV
Offset Voltage;
MSOP, TDFN Grade B Package
ISL28227
-75
-10
75
µV
-150
-
150
µV
Offset Voltage;
MSOP, TDFN Grade C Package
ISL28127
ISL28227
-150
-10
150
µV
-250
-
250
µV
TCVOS
Offset Voltage Drift;
SOIC Package
ISL28127
-0.5
0.1
0.5
µV/
°C
ISL28227
-0.75
0.1
0.75
µV/
°C
Offset Voltage Drift;
MSOP, Grade B
ISL28127
-0.80
0.1
0.80
µV/
°C
Offset Voltage Drift;
TDFN, Grade B
ISL28127
-0.90
0.1
0.90
µV/
°C
Offset Voltage Drift;
MSOP, TDFN, Grade B
ISL28227
-0.75
0.1
0.75
µV/
°C
Offset Voltage Drift;
MSOP, TDFN, Grade C
ISL28127
ISL28227
-1
0.1
1
µV/
°C
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Similar Part No. - ISL28227FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28227FUZ RENESAS-ISL28227FUZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com