Electronic Components Datasheet Search |
|
ISL28430FVZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL28430FVZ Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 19 page ISL28130, ISL28230, ISL28430 2 FN7623.7 February 13, 2014 Ordering Information PART NUMBER (Notes 3, 4) PART MARKING TEMP RANGE (°C) TEMPERATURE GRADE PACKAGE (Pb-Free) PKG. DWG. # ISL28130CHZ-T7 (Note 2) BDPA (Note 5) 0 to +70 Commercial 5 Ld SOT-23 P5.064A ISL28130CHZ-T7A (Note 2) BDPA (Note 5) 0 to +70 Commercial 5 Ld SOT-23 P5.064A ISL28130FHZ-T7 (Note 2) BEFA (Note 5) -40 to +125 Full 5 Ld SOT-23 P5.064A ISL28130FHZ-T7A (Note 2) BEFA (Note 5) -40 to +125 Full 5 Ld SOT-23 P5.064A ISL28130CEZ-T7 (Note 2) BLA (Note 5) 0 to +70 Commercial 5 Ld SC-70 P5.049 ISL28130CEZ-T7A (Note 2) BLA (Note 5) 0 to +70 Commercial 5 Ld SC-70 P5.049 ISL28130FEZ-T7 (Note 2) BNA (Note 5) -40 to +125 Full 5 Ld SC-70 P5.049 ISL28130FEZ-T7A (Note 2) BNA (Note 5) -40 to +125 Full 5 Ld SC-70 P5.049 ISL28230CUZ (Note 1) 8230Z 0 to +70 Commercial 8 Ld MSOP M8.118A ISL28230FUZ (Note 1) 8230F -40 to +125 Full 8 Ld MSOP M8.118A ISL28230CBZ (Note 1) 28230 CBZ 0 to +70 Commercial 8 Ld SOIC M8.15E ISL28230FBZ (Note 1) 28230 FBZ -40 to +125 Full 8 Ld SOIC M8.15E ISL28230CRZ (Note 1) 230Z 0 to +70 Commercial 8 Ld 3mmx3mm DFN L8.3x3J ISL28230FRZ (Note 1) 230F -40 to +125 Full 8 Ld 3mmx3mm DFN L8.3x3J ISL28430CBZ (Note 1) 28430 CBZ 0 to +70 Commercial 14 Ld SOIC MDP0027 ISL28430FBZ (Note 1) 28430 FBZ -40 to +125 Full 14 Ld SOIC MDP0027 ISL28430CVZ (Note 1) 28430 CVZ 0 to +70 Commercial 14 Ld TSSOP MDP0044 ISL28430FVZ (Note 1) 28430 FVZ -40 to +125 Full 14 Ld TSSOP MDP0044 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. For Moisture Sensitivity Level (MSL), please see device information page for ISL28130, ISL28230, ISL28430. For more information on MSL please see Tech Brief TB363. 5. The part marking is located on the bottom of the part. |
Similar Part No. - ISL28430FVZ |
|
Similar Description - ISL28430FVZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |