Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9511-55A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9511-55A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9511-55A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9511-55A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9511-55A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUK9511-55A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 7 February 2011
2 of 13
NXP Semiconductors
BUK9511-55A
N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
Static characteristics
RDSon
drain-source
on-state
resistance
VGS =4.5 V; ID =25A;
Tj =25°C
--12
m
VGS =10V; ID =25A;
Tj =25°C
-8
10
m
VGS =5V; ID =25A;
Tj =25°C; see Figure 12;
see Figure 13
-9
11
m
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =75A; Vsup ≤ 55 V;
RGS =50 Ω; VGS =5V;
Tj(init) = 25 °C; unclamped
--330
mJ
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT78A (TO-220AB)
2
D
drain
3S
source
mb
D
mounting base; connected to
drain
12
mb
3
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK9511-55A
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting
hole; 3-lead TO-220AB
SOT78A


Similar Part No. - BUK9511-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9511-55A PHILIPS-BUK9511-55A Datasheet
341Kb / 15P
   TrenchMOS logic level FET
Rev. 01-7 February 2001
logo
Inchange Semiconductor ...
BUK9511-55A ISC-BUK9511-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9511-55A NEXPERIA-BUK9511-55A Datasheet
330Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 2 - 7 February 2011
More results

Similar Description - BUK9511-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com