Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA45C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SA45C
Description  500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SA45C Datasheet(HTML) 1 Page - Micro Commercial Components

  SA45C Datasheet HTML 1Page - Micro Commercial Components SA45C Datasheet HTML 2Page - Micro Commercial Components SA45C Datasheet HTML 3Page - Micro Commercial Components SA45C Datasheet HTML 4Page - Micro Commercial Components SA45C Datasheet HTML 5Page - Micro Commercial Components SA45C Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DO-15
MIN
MAX
MIN
MAX
A
0.230
0.300
5.80
7.60
B
0.104
0.140
2.60
3.60
C
0.026
0.034
0.7 1
0. 86
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
Features
l
Glass passivated chip
l
Low leakage
l
Uni and Bidirectional unit
l
Excellent clamping capability
l
the plastic material has U/L recognition 94V-O
l
Fast response time
MECHANICAL DATA
Case: Molded Plastic
Marking: Unidirectional-type number and cathode band
Bidirectional-type number only
Weight: 0.4 grams
Maximum Ratings
l
Operating Temperature: -65
oC to +175oC
l
Storage Temperature: -65
oC to +175oC
l
For capacitive load, derate current by 20%
Electrical Characteristics @ 25oC Unless Otherwise Specified
SA5.0(C)(A)
THRU
SA170(C)(A)
500WATTS TRANSIENT
VOLTAGE SUPPRESSOR
5.0 TO 170 VOLTS
Peak Power
P PK
500W
TA
Current
IFSM
70A
8.3ms, half sine
Dissipation
P M(AV)
1.0W
TJ=75
oC
A
B
C
D
D
Cathode
Mark
Dissipation
Steady State Power
=25
oC
Peak Forward Surge
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - SA45C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA45C PANJIT-SA45C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA45C RFE-SA45C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Won-Top Electronics
SA45C WTE-SA45C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SA45C UNSEMI-SA45C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA45C WTE-SA45C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA45C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com