Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4963-1M Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLI4963-1M
Description  High Precision Automotive Hall Effect Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4963-1M Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLI4963-1M_15 Datasheet HTML 2Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 3Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 4Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 5Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 6Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 7Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 8Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 9Page - Infineon Technologies AG TLI4963-1M_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Product Description
6
Rev. 1.0, 2015-07-21
TLI4963-1M
Functional Description
2
Functional Description
2.1
General
The TLI4963-1M is an integrated Hall effect designed specifically for highly accurate applications where the
sensor is connected to a regulated power supply voltage in the range of 3.0V to 5.5V. It provides a temperature
stability of the magnetic thresholds.
2.2
Pin Configuration (top view)
Figure 2
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 2
Pin Description PG-SOT23-3-15
Pin No.
Symbol
Function
1
VDD
Supply voltage
2Q
Output
3GND
Ground
1
1.45± 0.1
0.65± 0.1
2
3
SOT23
Center of
Sensitive Area


Similar Part No. - TLI4963-1M_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
More results

Similar Description - TLI4963-1M_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-3M INFINEON-TLE4961-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-2M INFINEON-TLE4961-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-01-19
TLI4963-2M INFINEON-TLI4963-2M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLE4961-5M INFINEON-TLE4961-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-07-04
TLE4961-1M INFINEON-TLE4961-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-4M INFINEON-TLE4961-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-04-07
TLE4946-2K INFINEON-TLE4946-2K Datasheet
1Mb / 12P
   High Precision Hall Effect Latch
September 2008 Rev.1.0
TLE4946-2L INFINEON-TLE4946-2L Datasheet
1,023Kb / 12P
   High Precision Hall Effect Latch
June 2008 Rev 1.0
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com