Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4963-2M Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLI4963-2M
Description  High Precision Automotive Hall Effect Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4963-2M Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLI4963-2M Datasheet HTML 7Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 8Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 9Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 10Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 11Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 12Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 13Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 14Page - Infineon Technologies AG TLI4963-2M Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Product Description
11
Rev. 1.0, 2015-07-21
TLI4963-2M
Specification
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Calculation of the dissipated power PDIS and junction temperature TJ of the chip (SOT23 example):
e.g. for: VDD = 5 V, IS = 2 mA, VQSAT = 0.5 V, IQ = 1 mA
Power dissipation: PDIS = 5 V x 2 mA + 0.5 V x 1 mA = 10 mW + 0.5 mW = 10.5 mW
Temperature ΔT = RthJA x PDIS = 300 K/W x 10.5 mW = 3.15 K
For TA = 150 °C: TJ = TA + ΔT = 150 °C + 3.15 K = 153.15 °C
Table 3
Absolute Maximum Rating Parameters
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
-0.3
6
V
Output voltage
VQ
-0.5
6
V
Ambient temperature TA
-40
115
°C
for 2000h (not additive)
Thermal resistance
Junction ambient
RthJA
300
K/W
for PG-SOT23-3-15 (2s2p)
Thermal resistance
Junction lead
RthJL
100
K/W
for PG-SOT23-3-15
Table 4
ESD Protection1) (TA = 25°C)
1) Characterization of ESD is carried out on a sample basis, not subject to production test.
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
ESD voltage (HBM)2)
2) Human Body Model (HBM) tests according to ANSI/ESDA/JEDEC JS-001.
VESD
-4
4
kV
R = 1.5 kΩ, C = 100 pF
ESD voltage (CDM)
-1
1
kV


Similar Part No. - TLI4963-2M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
More results

Similar Description - TLI4963-2M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-3M INFINEON-TLE4961-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-2M INFINEON-TLE4961-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-01-19
TLE4961-5M INFINEON-TLE4961-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-07-04
TLE4961-1M INFINEON-TLE4961-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-4M INFINEON-TLE4961-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-04-07
TLI4963-1M INFINEON-TLI4963-1M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLE4946-2K INFINEON-TLE4946-2K Datasheet
1Mb / 12P
   High Precision Hall Effect Latch
September 2008 Rev.1.0
TLE4946-2L INFINEON-TLE4946-2L Datasheet
1,023Kb / 12P
   High Precision Hall Effect Latch
June 2008 Rev 1.0
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com