Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100VW-1T1RG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPM-9100VW-1T1RG
Description  3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100VW-1T1RG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPM-9100VW-1T1RG_15 Datasheet HTML 1Page - Optoway Technology Inc SPM-9100VW-1T1RG_15 Datasheet HTML 2Page - Optoway Technology Inc SPM-9100VW-1T1RG_15 Datasheet HTML 3Page - Optoway Technology Inc SPM-9100VW-1T1RG_15 Datasheet HTML 4Page - Optoway Technology Inc SPM-9100VW-1T1RG_15 Datasheet HTML 5Page - Optoway Technology Inc SPM-9100VW-1T1RG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Optoway
SPM-9100VW-1T1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V2.0
4
CONNECTION DIAGRAM
PIN
Name
Function
Notes
1
Vee
Signal Ground
2
TX_Fault
Transmitter Fault Indicator (Active high,
open-drain)
3
NC
No Connection
4
Vee
Signal Ground
5
SCL
Serial I
2C Clock
6
SDA
Serial I
2C Data
7
Vee
Signal Ground
8
RX_LOS
Receiver Loss of Signal Indicator (Active
high, open-drain)
9
NC
No Connection
10
NC
No Connection
11
Vee
Signal Ground
12
RX-
Negative Differential Output
13
RX+
Positive Differential Output
14
Vee
Signal Ground
15
Vcc RX
Power Supply
+3.3V±5%
16
Vcc TX
Power Supply
+3.3V±5%
17
Vee
Signal Ground
18
TX+
Positive Transmitter Data In
19
TX-
Negative Transmitter Data In
AC coupled differential lines with 100 ohm
differential termination inside the module
20
TX_DIS
Transmitter Disable
Internal 4.7 kΩ pull-up. The bias current and
modulation current are turned off if TX1_DIS =
HIGH.


Similar Part No. - SPM-9100VW-1T1RG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-1T1RG_2015 OPTOWAY-SPM-9100VW-1T1RG_2015 Datasheet
141Kb / 6P
   3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
More results

Similar Description - SPM-9100VW-1T1RG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-1T1RG_2015 OPTOWAY-SPM-9100VW-1T1RG_2015 Datasheet
141Kb / 6P
   3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
SPM-9100VW-1T1RG OPTOWAY-SPM-9100VW-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
SPM-9100VW-1TG OPTOWAY-SPM-9100VW-1TG_15 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-1TG_2015 OPTOWAY-SPM-9100VW-1TG_2015 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-2TG_2015 OPTOWAY-SPM-9100VW-2TG_2015 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-2TG OPTOWAY-SPM-9100VW-2TG_15 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-2RG_2015 OPTOWAY-SPM-9100VW-2RG_2015 Datasheet
140Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-1RG OPTOWAY-SPM-9100VW-1RG_15 Datasheet
169Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-1RG_2015 OPTOWAY-SPM-9100VW-1RG_2015 Datasheet
169Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-2RG OPTOWAY-SPM-9100VW-2RG_15 Datasheet
140Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com